Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8728QBI-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW8728QBI-TRL
Description  VGA PWM Controller with Differential Voltage Feedback
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8728QBI-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW8728QBI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APW8728QBI-TRL Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2012
APW8728
www.anpec.com.tw
10
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=19V, TA= 25
oC unless otherwise specified.
1
4
3
2
CH2: VLGATE, 5V/Div, DC
CH3: VOUT, 100mV/Div, AC
TIME: 2μs/Div
CH1: VPHASE, 20V/Div, DC
CH4: IL, 10A/Div, DC
Operating at PFM Mode
1
4
2
3
CH2: VLGATE, 5V/Div, DC
CH3: VOUT, 100mV/Div, AC
TIME: 2μs/Div
CH1: VPHASE, 20V/Div, DC
CH4: IL, 10A/Div, DC
Operating at PWM Mode
IL=3A
Over-Current Protection
1
4
2
3
CH2: VOUT, 1V/Div, DC
CH3: VPHASE, 20V/Div, DC
TIME: 20μs/Div
CH1: VPOK, 5V/Div, DC
CH4: IL, 20A/Div, DC
Under-Voltage Protection
1
4
2
3
CH2: VUGATE, 20V/Div, DC
CH3: VLGATE, 10V/Div, DC
TIME: 10μs/Div
CH1: VFB, 500mV/Div, DC
CH4: VPOK, 5V/Div, DC


Similar Part No. - APW8728QBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRG ANPEC-APW8720BKAI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRL ANPEC-APW8720BKAI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRG ANPEC-APW8720BQBI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRL ANPEC-APW8720BQBI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8728QBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
Alliance Semiconductor ...
ASM8P18S42 ALSC-ASM8P18S42 Datasheet
1Mb / 11P
   Voltage Mode PWM Controller with EMI Reduction
logo
Renesas Technology Corp
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
   Multiphase PWM Controller with Programmable Output Voltage
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com