Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293D105(1)020A(2) Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 293D105(1)020A(2)
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D105(1)020A(2) Datasheet(HTML) 2 Page - Vishay Siliconix

  293D105(1)020A(2) Datasheet HTML 1Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 2Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 3Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 4Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 5Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 6Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 7Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 8Page - Vishay Siliconix 293D105(1)020A(2) Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 21-Mar-13
2
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
0.10
AAA
0.15
AA/B
0.22
AA/B
0.33
AA
A/B
0.47
A
A
A
A/B
A/B/C
0.68
A
A
A
A/B
B/C
1.0
A
A
A/B
A/B
A/B
B/C
1.5
A
A
A/B
A/B
A/B
B/C
B/C/D
2.2
A
A
A/B
A/B
A/B
A/B/C
B/C
B/C/D
3.3
A
A/B
A/B
A/B
A/B/C
A/B/C
B/C/D
C/D
4.7
A/B
A/B
A/B/C
A/B/C
A/B/C
A/B/C/D
B/C/D
C/D/E
D
6.8
A/B
A/B
A/B/C
A/B/C
A/B/C
B/C/D
C/D
D/E
10
A/B
A/B/C
A/B/C
A/B/C/D
B/C/D
B/C/D
C/D
D/E
E
15
A/B/C
A/B/C
A/B/C
B/C
B/C/D
B/C/D
D/E
E
22
A/B/C
A/B/C
A/B/C/D
B/C/D
B/C/D
C/D/E/V
D/E
33
A/B/C
A/B/C
B/C/D
B/C/D
C/D
D/E
47
A/B/C
A/B/C/D
B/C/D
C/D/E
D/E
D/E
68
B/C/D
B/C/D
B/C/D/E/V
D/E
D/E
E
100
A/B/C/D
B/C/D/E
B/C/D/E/V
D/E/V
D/E
120
D
D
E
150
B/C/D
C/D/E
C/D/E
D/E
220
B/C/D/E
C/D/E
D/E/V
E
330
D/E
D/E
D/E
470
D/E
D/E
E
680
D/E
E
1000
E
E
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capacitors may bear a different marking scheme if a part with more extensive screening is substituted. These would include “R” for low
ESR series (TR3) or “P” for professional series (TP3).
Call the factory for further explanation.
Capacitance Code, pF
Indicates
Lead (Pb)-free
Vishay
Sprague
Logo
Polarity Band (+)
Voltage
Code
V 104L
A Case
Date Code
Vishay
Sprague Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance, μF
Polarity
Band (+)
22
10L
XX
2
B, C, D, E, V Cases


Similar Part No. - 293D105(1)020A(2)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D1051010A2 VISHAY-293D1051010A2 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D1051010A2 VISHAY-293D1051010A2 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D1051016A2 VISHAY-293D1051016A2 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D1051016A2 VISHAY-293D1051016A2 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D1051016A2 VISHAY-293D1051016A2 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
More results

Similar Description - 293D105(1)020A(2)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com