Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8723QBI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW8723QBI-TRG
Description  5V to 12V Single Buck Voltage Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8723QBI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW8723QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW8723QBI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2013
APW8723
www.anpec.com.tw
8
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
Over-Current Protection
Under-Voltage Protection
UGATEFalling
UGATERising
CH1: VOUT, 1V/Div
CH2: VPHASE,10V/Div
CH3: IL,10A/Div
TIME: 10us/Div
CH1: VOUT, 1V/Div
CH2: IL,10A/Div
TIME: 1ms/Div
CH1: VUGATE, 20V/Div
CH2: VLGATE ,10V/Div
CH3: VPHASE ,10V/Div
TIME: 20ns/Div
CH1: VUGATE, 20V/Div
CH2: VLGATE ,10V/Div
CH3: VPHASE ,10V/Div
TIME: 20ns/Div
1
3
ROCSET =6.8kΩ,RDS(low Side )=10.5mΩ
2
VOUT
VPHASE
IL
1
2
VOUT
IL
VUGATE
VLGATE
VPHASE
1
3
2
VUGATE
VLGATE
VPHASE
1
3
2


Similar Part No. - APW8723QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRG ANPEC-APW8720BKAI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRL ANPEC-APW8720BKAI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRG ANPEC-APW8720BQBI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRL ANPEC-APW8720BQBI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8723QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com