Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8723 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8723
Description  5V to 12V Single Buck Voltage Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8723 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8723 Datasheet HTML 1Page - Anpec Electronics Coropration APW8723 Datasheet HTML 2Page - Anpec Electronics Coropration APW8723 Datasheet HTML 3Page - Anpec Electronics Coropration APW8723 Datasheet HTML 4Page - Anpec Electronics Coropration APW8723 Datasheet HTML 5Page - Anpec Electronics Coropration APW8723 Datasheet HTML 6Page - Anpec Electronics Coropration APW8723 Datasheet HTML 7Page - Anpec Electronics Coropration APW8723 Datasheet HTML 8Page - Anpec Electronics Coropration APW8723 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2013
APW8723
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
VCC = 12V, TA = -40°C to 85°C, unless otherwise noted. Typical
values are at T
A = 25°C.
APW8723
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTIONS (cont.)
IOCSET
OCSET Current Source
9
10
11
µA
Over-Temperature Protection
Threshold
-
140
-
oC
Hysteresis
-
40
-
oC
SOFT-START
TSS
Internal Soft-Start Interval (Note 4)
VOUT from 0% to 90% Regulation
-
2
-
ms
COMP VOLTAGE
VDISABLE
Shutdown Threshold of VCOMP
-
-
0.4
V
OFS FUNCTION
REFOUT current limiting
Only sourcing
-
2
-
mA
OFS setting range
0.4
-
3
V
POWER GOOD (Only for TDFN3×
3-10 Package)
IPOK
POK Leakage Current
VPOK=5V
-
0.1
1
µA
VFB is from low to target value
(POK Goes High)
85
90
95
%
VFB Falling, POK Goes Low
45
50
55
%
VPOK
POK Threshold
VFB Rising, POK Goes Low
120
125
130
%
POK Delay Time
Vref=90% regulation to POK
goes
high
-
1.5
-
ms
Note 4: Guaranteed by design, not production tested.


Similar Part No. - APW8723

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8720B ANPEC-APW8720B Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRG ANPEC-APW8720BKAI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BKAI-TRL ANPEC-APW8720BKAI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRG ANPEC-APW8720BQBI-TRG Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
APW8720BQBI-TRL ANPEC-APW8720BQBI-TRL Datasheet
639Kb / 22P
   Single Buck Voltage Mode PWM Controller
More results

Similar Description - APW8723

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8726 ANPEC-APW8726 Datasheet
617Kb / 22P
   5V to 12V Single Buck Voltage Mode PWM Controller
APW8722 ANPEC-APW8722 Datasheet
664Kb / 23P
   5V to 12V Single Buck Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
logo
Maxim Integrated Produc...
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com