Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D805X0030C2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 135D805X0030C2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D805X0030C2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 135D805X0030C2 Datasheet HTML 3Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 4Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 5Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 6Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 7Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 8Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 9Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 10Page - Vishay Siliconix 135D805X0030C2 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
7
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed to
operate over a temperature range of - 55 °C to + 200 °C.
Note
(1)Consult Vishay Sprague for information at + 200 °C. See
paragraph 9.3.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge voltage rating is the
maximum voltage to which the capacitors should be
subjected
under
any
conditions.
This
includes
transients and peak ripple at the highest line voltage.
3.1 The surge voltage of capacitors is 115 % of rated DC
working voltage.
3.2 Surge Voltage Test: Capacitors shall withstand the
surge voltage applied through a 1000
 ± 10 % resistor
in series with the capacitor and voltage source at the
rate of one-half minute on, four and one-half minutes
off, for 1000 successive test cycles at + 85 °C or
+ 125 °C.
3.3 Following the surge voltage test, the capacitance at
+ 25 °C shall not have changed by more than ± 10 %
and the equivalent series resistance and DC leakage
current will not exceed the values shown in the
Standard Ratings table for each capacitor.
4.
Capacitance
Tolerance:
The capacitance of all
capacitors shall be within the specified tolerance limits
of the nominal rating.
4.1 Measurements shall be made by the bridge method at
or referred to a frequency of 120 Hz at a temperature of
+ 25 °C. The maximum voltage applied to the capacitors
during measurement shall be 1 VRMS. Measurement
accuracy of the bridge shall be within ± 2 %.
5.
Capacitance
Change
With
Temperature:
The
capacitance change with temperature shall not exceed
the values given in the Standard Ratings table for each
capacitor.
6.
Equivalent Series Resistance: Measurements shall be
made by the bridge method at, or referred to, a
frequency of 120 Hz at a temperature of + 25 °C. A
maximum
of
1
VRMS shall be applied during
measurement.
6.1 The equivalent series resistance shall not exceed the
maximum value in ohms listed in the Standard Ratings
table for each capacitor.
TYPICAL CURVES OF IMPEDANCE AS A FUNCTION OF FREQUENCY AT VARIOUS TEMPERATURES
0.1
1.0
10
100
100
1K
10K
100K
1M
10M
“C” Case 33 μF, 50 V Capacitors
+ 125 °C
+ 25 °C
- 40 °C
- 55 °C
- 20 °C
+ 85 °C
Frequency (Hz)
0.1
1.0
10
100
100
1K
10K
100K
1M
10M
“K” Case 56 μF, 125 V Capacitors
- 55 °C
- 40 °C
- 20 °C
+ 125 °C
+ 25 °C
+ 85 °C
Frequency (Hz)
UP TO
+ 85 °C
(V)
AT
+ 125 °C
(V)
AT
+ 175 °C
(V)
AT
+ 200 °C
(V)
6
4
3
(1)
8
5
4
10
7
5
15
10
8
25
15
13
30
20
15
35
23
18
50
30
25
60
40
30
75
50
38
100
65
50
125
85
63


Similar Part No. - 135D805X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D805X0030C2 VISHAY-135D805X0030C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D805X0030C2 VISHAY-135D805X0030C2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D805X0030C2 VISHAY-135D805X0030C2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D805X0030C2 VISHAY-135D805X0030C2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D805X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com