Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D506X0025F2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 135D506X0025F2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D506X0025F2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 135D506X0025F2 Datasheet HTML 4Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 5Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 6Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 7Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 8Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 9Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 10Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 11Page - Vishay Siliconix 135D506X0025F2 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
8
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.2 The dissipation factor may be calculated from the
equivalent series resistance and capacitance values as
shown:
where:
DF = Dissipation Factor in %
R = ESR in
C = Capacitance in μF
f = Frequency in Hz
At 120 Hz, the above equation becomes:
For example, percent dissipation factor of a 30 μF, 6 V
capacitor, which has a maximum ESR of 4.0
 at
+ 25 °C and 120 Hz, would be calculated as shown:
7.
Leakage Current: Measurements shall be made at the
applicable rated working voltage at + 25 °C ± 5 °C
through application of a steady source of power, such
as a regulated power supply. A 1000
 resistor to limit
the charging current shall be conected in series with
each capacitor under test. Rated working voltage shall
be applied to capacitors for 5 minutes before making
leakage current measurements.
7.1 The maximum leakage current for any capacitor shall
not exceed the maximum value in mA listed in the
Standard Ratings and Extended Ratings table for each
capacitor.
Note
• Leakage current varies with applied voltage. See graph next
column for the appropriate adjustment factor
8.
Low Temperature Impedance: The impedance of any
capacitor at - 55 °C at 120 Hz, shall not exceed the
values given in the Standard Ratings and Extended
Ratings tables.
9.
Life Test: Capacitors are capable of withstanding a
2000 h life test at a temperature of + 85 °C or + 125 °C
at the applicable rated DC working voltage.
9.1 Following the life test, the capacitors shall be returned
to 25 °C ± 5 °C. The leakage current, measured at the
+ 85 °C rated voltage, shall not be in excess of the
original requirement; the capacitance value shall not
exceed
150
%
of
the
initial
requirement;
the
capacitance value shall not change more than 10 %
from the initial measurement.
9.3 Capacitors are capable of withstanding life test at the
following conditions:
9.4 Following the life test, the capacitors shall be returned
to + 25 °C ± 5 °C. The leakage current, at the rated
voltage shall not exceed 200 % of the original
requirement or ± 10 μA, whichever is greater; the
equivalent series resistance shall not be greater than
200 % of the original requirement; the capacitance
value shall not increase by more than 10 % or decrease
by more than 20 % from the initial measurement.
DF
2
fRC
10
4
------------------
=
DF
R x C
13.26
---------------
=
DF
2
x 120 x 4 x 30
10
4
----------------------------------------------
4 x 30
13.26
----------------
9.05 %
==
=
TYPICAL LEAKAGE CURRENT FACTOR
RANGE
TEMPERATURE
HOURS
% RATED VOLTAGE
+ 175 °C
2000
50
+ 175 °C
300
65
+ 200 °C
300
60
0
10
20
30 40 50 60
90 100
70 80
1.0
0.9
0.8
0.6
0.5
0.7
0.4
0.3
0.2
0.09
0.08
0.06
0.05
0.07
0.04
0.03
0.02
0.1
0.01
PERCENT OF RATED VOLTAGE


Similar Part No. - 135D506X0025F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D506X0025F2 VISHAY-135D506X0025F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D506X0025F2 VISHAY-135D506X0025F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D506X0025F2 VISHAY-135D506X0025F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D506X0025F2 VISHAY-135D506X0025F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D506X0025F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com