Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D226X0025C2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 135D226X0025C2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D226X0025C2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 135D226X0025C2 Datasheet HTML 2Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 3Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 4Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 5Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 6Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 7Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 8Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 9Page - Vishay Siliconix 135D226X0025C2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
6
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60 VDC AT + 85 °C; 40 VDC AT + 125 °C; 36 VDC AT + 200 °C
18
C
135D186X0060C2
7.0
160
2.0
12.0
- 20
+ 7
+ 8
700
27
C
135D276X0060C2
5.0
144
3.0
12.0
- 24
+ 10
+ 12
700
82
F
135D826X0060F2
2.9
54
4.0
16.0
- 30
+ 15
+ 15
1100
100
F
135D107X0060F2
2.5
54
4.0
20.0
- 36
+ 12
+ 15
1100
220
T
135D227X0060T2
1.8
29
8.0
32.0
- 40
+ 16
+ 20
1400
270
K
135D277X0060K2
1.4
23
9.0
36.0
- 45
+ 20
+ 25
1850
330
K
135D337X0060K2
1.3
31
10.0
40.0
- 72
+ 25
+ 25
1850
63 VDC AT + 85 °C; 40 VDC AT + 125 °C; 31 VDC AT + 200 °C
10
C
135D106X0063C2
5.3
250
1.0
2.0
- 20
+ 8
+ 9
715
27
C
135D276X0063C2
5.0
144
3.0
12.0
- 24
+ 10
+ 12
700
100
F
135D107X0063F2
2.5
54
2.0
12.0
- 36
+ 12
+ 15
1100
75 VDC AT + 85 °C; 50 VDC AT + 125 °C; 45 VDC AT + 200 °C
5.6
C
135D565X0075C2
14.2
475
2.0
5.0
- 17
+ 8
+ 8
600
12
C
135D126X0075C2
5.1
157
3.0
12.0
- 19
+ 10
+ 12
600
22
C
135D226X0075C2
5.1
157
3.0
12.0
- 19
+ 10
+ 12
600
68
F
135D686X0075F2
3.0
63
4.0
16.0
- 25
+ 12
+ 15
1000
82
F
135D826X0075F2
2.5
63
4.0
24.0
- 30
+ 12
+ 15
1000
110
F
135D117X0075F2
2.5
54
4.0
20.0
- 36
+ 12
+ 15
1100
180
T
135D187X0075T2
2.2
30
9.0
36.0
- 35
+ 16
+ 20
1300
220
K
135D227X0075K2
1.8
24
10.0
40.0
- 40
+ 20
+ 25
1800
300
K
135D307X0075K2
1.8
32
12.0
48.0
- 60
+ 22
+ 22
2000
100 VDC AT + 85 °C; 65 VDC AT + 125 °C; 60 VDC AT + 200 °C
10
C
135D106X0100C2
5.9
200
3.0
12.0
- 17
+ 10
+ 12
800
56
C
135D565X0100C2
14
475
2.0
5.0
- 17
+ 8
+ 8
-
56
T
135D566X0100T2
2.4
50
5.0
20.0
- 25
+ 12
+ 12
1400
39
F
135D396X0100F2
3.5
80
5.0
24.0
- 20
+ 12
+ 15
1300
47
T
135D476X0100T2
2.5
70
2.0
10.0
- 23
+ 10
+ 10
-
68
T
135D686X0100T2
2.2
40
10.0
40.0
- 30
+ 14
+ 16
1600
120
K
135D127X0100K2
2.7
30
12.0
48.0
- 35
+ 15
+ 17
2000
125 VDC AT + 85 °C; 85 VDC AT + 125 °C; 75 VDC AT + 200 °C
3.9
C
135D395X0125C2
20.4
557
2.0
5.0
- 16
+ 7
+ 8
-
6.8
C
135D685X0125C2
11.7
300
3.0
12.0
- 14
+ 10
+ 12
700
15
F
135D156X0125F2
5.3
167
1.0
7.0
- 16
+ 7
+ 8
1200
27
F
135D276X0125F2
3.5
90
5.0
24.0
- 18
+ 12
+ 15
1200
47
T
135D476X0125T2
2.2
50
10.0
40.0
- 26
+ 14
+ 16
1500
56
T
135D566X0125T2
2.2
50
10.0
40.0
- 26
+ 14
+ 16
1500
68
K
135D686X0125K2
2.2
32
11.0
44.0
- 28
+ 15
+ 16
1850
82
K
135D826X0125K2
2.8
32
12.0
48.0
- 30
+ 15
+ 17
1900
EXTENDED RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER (1)
MAX. ESR
AT + 25 °C
120 Hz
(
)
MAX. IMP.
AT - 55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C + 85 °C + 125 °C
Note
(1) Part numbers are for units with ± 20 % capacitance tolerance, standard + 125 °C maximum temperature, standard polyesterfilm insulation,
and tin-lead terminations. For other capacitance tolerances, other maximum temperatures, insulation and termination options, please
consult Ordering Information on first page for proper part number.


Similar Part No. - 135D226X0025C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D226X0025C2 VISHAY-135D226X0025C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D226X0025C2 VISHAY-135D226X0025C2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D226X0025C2 VISHAY-135D226X0025C2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D226X0025C2 VISHAY-135D226X0025C2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D226X0025C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com