Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8700 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8700
Description  Dual-Phase Synchronous-Rectifier Buck Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8700 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8700 Datasheet HTML 1Page - Anpec Electronics Coropration APW8700 Datasheet HTML 2Page - Anpec Electronics Coropration APW8700 Datasheet HTML 3Page - Anpec Electronics Coropration APW8700 Datasheet HTML 4Page - Anpec Electronics Coropration APW8700 Datasheet HTML 5Page - Anpec Electronics Coropration APW8700 Datasheet HTML 6Page - Anpec Electronics Coropration APW8700 Datasheet HTML 7Page - Anpec Electronics Coropration APW8700 Datasheet HTML 8Page - Anpec Electronics Coropration APW8700 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2011
APW8700
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APW8700
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CHIP ENABLE/FREQUENCY SETTING
IRT/EN
RT/EN Source Current
RT/EN=GND
-
-
120
µA
RT/EN Shutdown Threshold
0.45
0.5
0.55
V
Enable Debounce time
RT/EN high debounce
-
200
-
µs
VRT/EN
RT/EN Voltage
RRT/ENB=33k
-
1
-
V
Switching Frequency Setting Range
100
-
800
kHz
FOSC
Free Run Switching Frequency
RRT/EN=33k
255
300
345
kHz
ΔFOSC
Switching Frequency Accuracy
FOSC=200kHz~500kHz
-15
-
15
%
SOFT-START
ISS
Soft-start Current
During Soft-start
-
20
-
µA
SS Source/Sink Current Capability
After Soft-start
-
200
-
µA
OSCILLATOR
Maximum Duty Cycle
-
85
-
%
Minmum Duty Cycle
-
0
-
%
ΔVOSC
Ramp Amplitude
VVCC=12V
-
1.5
-
V
POWER SAVING MODE
VPSI
Threshold Voltage to Enter Dual
Phase
VPSI Rising
0.55
0.6
0.65
V
ΔVPSI
Hysteresis to Enter Single Phase
VPSI Falling
-
0.2
-
V
2 Phase to single phase debounce
Continuously
-
0.2
-
ms
REFERENCE VOLTAGE
VREF
Reference Voltage Accuracy
IREF=100µA, TJ= -20
oC ~ 70oC
1.98
2.00
2.02
V
VREF Maximum Output Current
VREF=GND
20
-
-
mA
ΔVREF
Reference Voltage Load Regulation
IREF=0~2mA
-5
-
5
mV
VREFIN-VFB, VREFIN=0.8V~2V,
RDRP=0
-5
-
5
mV
VFB
Output Voltage Accuracy
VFB operating range
0.2
-
VREF
V
ERROR AMPLIFIER
Open-Loop DC Gain
(Note 4)
RL = 10k
Ω, C
L =10pF
-
80
-
V/V
Open-Loop Bandwidth
(Note 4)
RL = 10k
Ω, C
L =10pF
-
20
-
MHz
Slew Rate
(Note 4)
RL = 10k
Ω, C
L =10pF
-
8
-
V/
µs
FB Input Leakage Current
VFB=1V
-
0.1
0.5
µA
COMP High Voltage
RL = 10k
Ω, C
L =10pF
-
4.8
-
V/
µs
VCOMP
COMP Low Voltage
RL = 10k
Ω, C
L =10pF
-
0.2
-
µA
Maximum COMP Source Current
VCOMP=2V
-
2
-
mA
ICOMP
Maximum COMP Sink Current
VCOMP=2V
-
2
-
mA
Refer to figure 1 in the “Typical Application Circuits”. These specifications apply over V
VCC = 12V, TA= 25
oC, unless otherwise noted.


Similar Part No. - APW8700

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
   High-Performance, High-Current DrMOS Power Module
APW8703 ANPEC-APW8703 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8703QBI-TRG ANPEC-APW8703QBI-TRG Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
   High-Performance, High-Current DrMOS Power Module
More results

Similar Description - APW8700

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com