Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP180GB-TPLFT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP180GB-TPLFT
Description  Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP180GB-TPLFT Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP180GB-TPLFT Datasheet HTML 1Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 2Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 3Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 4Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 5Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 6Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 7Page - Toshiba Semiconductor TLP180GB-TPLFT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP180
2009-01-19
6
IC – VCE
50
0
Collector-emitter voltage VCE (V)
0
40
30
20
10
2
4
6
8
10
50 mA
30 mA
20 mA
15 mA
10 mA
PC(MAX)
IF = 5 mA
Ta = 25°C
Collector-emitter voltage VCE (V)
Forward current IF (mA)
IC / IF – IF
1000
10
0.1
0.3 0.5
1
3
5
10
30 50
30
50
100
300
500
VCE = 10 V
VCE = 5 V
VCE = 0.4 V
Ta = 25°C
Sample B
Sample A
ICEO – Ta
Ambient temperature Ta (°C)
0
10
1
VCE = 48V
5 V
10 V
24 V
20
40
60
80
100
10
0
10
−1
10
−2
10
−3
10
−4
IC – IF
Forward current IF (mA)
0.1
0.1
0.3
0.5
1
3
5
10
30
50
100
0.3 0.5
1
3
5
10
30 50
Sample A
Sample B
Ta = 25°C
VCE = 10 V
VCE = 5 V
VCE = 0.4 V
IC – VCE
30
0
0
1.0
0.2
0.4
0.6
0.8
20
10
50 mA
Ta = 25°C
40 mA
30 mA
20 mA
10 mA
5 mA
2 mA


Similar Part No. - TLP180GB-TPLFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
logo
ISOCOM COMPONENTS
TLP180 ISOCOM-TLP180 Datasheet
861Kb / 10P
   AC Isolation Voltage 3750VRMS
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
More results

Similar Description - TLP180GB-TPLFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624BV TOSHIBA-TLP624BV Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
   Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
   Programmable Controllers AC DC-Input Module Telecommunication
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
   Programmable Controllers AC/DC?묲nput Module Hybrid ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com