Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7336 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7336
Description  2A 24V 340kHz synchronous Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7336 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7336 Datasheet HTML 1Page - Anpec Electronics Coropration APW7336 Datasheet HTML 2Page - Anpec Electronics Coropration APW7336 Datasheet HTML 3Page - Anpec Electronics Coropration APW7336 Datasheet HTML 4Page - Anpec Electronics Coropration APW7336 Datasheet HTML 5Page - Anpec Electronics Coropration APW7336 Datasheet HTML 6Page - Anpec Electronics Coropration APW7336 Datasheet HTML 7Page - Anpec Electronics Coropration APW7336 Datasheet HTML 8Page - Anpec Electronics Coropration APW7336 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
APW7336
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
2A 24V 340kHz synchronous Buck Converter
Features
General Description
Wide Input Voltage from 4.5V to 24V
2A Continuous Output Current
Adjustable Output Voltage from 0.8V to 20V
Intergrated High/Low Side MOSFET
PFM/PWM mode Operation
Fixed 340kHz Switching Frequency
Stable with Low ESR Ceramic Output Capacitors
Power-On-Reset Detection
Programmable Soft-Start
Over-Temperature Protection
Current-Limit Protection with Frequency Foldback
Enable/Shutdown Function
Small TDFN3x3-10 Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
LCD Monitor/TV
Set-Top Box
DSL, Switch HUB
Notebook Computer
APW7336 is a 2A synchronous buck converter with inte-
grated power MOSFETs. The APW7336 design with a cur-
rent-mode control scheme, can convert wide input volt-
age of 4.5V to 24V to the output voltage adjustable from 0.
8V to 20V to provide excellent output voltage regulation.
The APW7336 is equipped with an automatic PFM/PWM
mode operation. At light load, the IC operates in the PFM
mode to reduce the switching losses. At heavy load, the
IC works in PWM.
The APW7336 is also equipped with Power-on-reset, soft-
start, soft-stop, and whole protections (under-voltage,
over-temperature, and current-limit) into a single package.
This device, available TDFN3x3-10, provides a very com-
pact system solution external components and PCB area.
Simplified Application Circuit
Pin Configuration
VOUT
APW7336
VIN
BS 3
10 COMP
EN 1
SS 2
VIN 5
9 FB
7 GND
8 GND
VIN 4
6 LX
APW7336
TDFN3x3-10
(Top View)
11
11
GND
Exposed Pad
The pin 7 and 8 must be connected to the pin 11(Exposed Pad)


Similar Part No. - APW7336

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
   2A 24V 340kHz synchronous Buck Converter
APW7334KI-TRG ANPEC-APW7334KI-TRG Datasheet
269Kb / 15P
   2A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7337QBI-TRG ANPEC-APW7337QBI-TRG Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
More results

Similar Description - APW7336

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
   2A 24V 340kHz Synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
   2A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
   2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
   2A 24V 340kHz Synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
   3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
   3A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
   4A 24V 340kHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com