Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D107X0010F2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 135D107X0010F2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D107X0010F2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 135D107X0010F2 Datasheet HTML 5Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 6Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 7Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 8Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 9Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 10Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 11Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 12Page - Vishay Siliconix 135D107X0010F2 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
9
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10.
Ripple Life Test at + 85 °C: Capacitors shall be tested
in accordance with Military Specification MIL-C-39006
except that:
a) Operation conditions: This test shall be run at a
frequency of 40 kHz ± 2 kHz sinusoidal and at the
RMS ripple current levels specified in the Standard
Ratings and Extended Ratings table.
b) Applied DC voltage shall be reduced so that the
peak AC voltage plus DC voltage shall not exceed
the rated voltage of the capacitor in either the
forward or reverse direction.
10.1 When tested as specified above, capacitors shall meet
the following requirements:
a) The DC leakage current at + 25 °C and at + 85 °C
shall not exceed the original requirements.
b) The capacitance shall not change more than ± 15 %
from the initial measured value.
c) The dissipation factor shall not exceed the original
requirements.
d) Visual examination: There shall be no damage,
obliteration of marking or leakage of electrolyte.
11.
Reverse Voltage Test: Capcitors shall withstand a
reverse voltage of 3 VDC at + 85 °C or 2 V at + 125 °C
for 2000 h. The capacitors shall then be restabilized for
24 h at 85 °C with rated DC forward potential applied
through a 1000
 resistor.
11.1 Following the reverse voltage test, the DC leakage
current shall not be in excess of the original
requirement; the equivalent series resistance shall not
exceed 200 % of the initial requirement; the
capacitance value shall not be less than 90 % of the
initial measurement.
12.
Mechanical Shock Test: Capacitors shall withstand a
shock of 500 g when tested in accordance with
method 213 of MIL-STD-202, test condition D.
12.1 Following the mechanical shock test, capacitors shall
be examined for evidence of mechanical damage and
leakage of electrolyte. Capacitance, equivalent series
resistance, and DC leakage current shall meet the
initial requirements.
13.
High
Frequency
Vibration:
Capacitors
shall
withstand vibration from 10 Hz to 2000 Hz at 80 g
without internal damage when tested in accordance
with MIL-STD-202, method 204, test condition H.
Electrical measurements made while under these
conditions shall show no intermittent contacts, open
circuits or short circuits.
13.1 Capacitors shall be securely fastened by means of
suitable component clips or brackets.
14.
Random
Vibration:
Capacitors
shall
withstand
random vibration at all levels up to 51 g RMS overall
when tested in accordance with MIL-STD-202,
method 214, test condition II K. The test shall be
conducted for 1.5 h in each of three mutually
perpenticular directions.
14.1 Electrical measurements made during the test shall
show no intermittent contacts, open circuits or short
circuits.
15.
Pull Test: Leads shall withstand a tensile stress of 3
lbs. (1.4 kg) for 30 s applied axially in accordance with
MIL-STD-202, method 211, test condition A.
16.
Lead Bend Test: Leads shall meet the bend test
specified in Military Standard MIL-STD-202, method
211 A, condition C except that the number of bends
shall be 4.
17.
Moisture Resistance: Capacitors shall withstand the
moisture resistance cycling test specified in Military
Standard
MIL-STD-202,
method
106,
without
departure from the original limits of capacitance,
equivalent series resistance and DC leakage current.
18.
Reduced Pressure: Capacitors shall be stabilized at
a reduced atmospheric pressure of 0.82" [20.83 mm]
of mercury for a period of 5 min. Rated DC voltage
shall be applied for 1 min. Capacitors shall not flash
over nor shall end seals be damaged by this nor
should the capacitors be electrically effected insofar
as capacitance, equivalent series resistance or
leakage current is concerned.
19.
Seal Test:
19.1 Capacitors shall be tested in accordance with
MIL-STD-202,
method
112,
test
condition
C,
procedure IIIa. Specimens shall be pressurized at 4
atmospheres (gage) for 4 h.
20.
Thermal Shock: Capacitors shall be subjected to 300
cycles of thermal shock in accordance with Military
specification MIL-C-39006.
20.1 Following the thermal shock test, capacitor leakage
current shall not exceed twice the initial requirement.
21.
Marking: Capacitors shall be marked with Sprague,
the Sprague type (135D); rated capacitance and
tolerance (the tolerance shall be coded, using the list
shown in How to Order); rated DC working voltage at
+ 85 °C; the standard EIA date code of manufacture.
21.1 Polarity shall be indicated by plus signs (+) adjacent to
the positive terminal.


Similar Part No. - 135D107X0010F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D107X0010F2 VISHAY-135D107X0010F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D107X0010F2 VISHAY-135D107X0010F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D107X0010F2 VISHAY-135D107X0010F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D107X0010F2 VISHAY-135D107X0010F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D107X0010F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com