Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7322AKI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7322AKI-TRG
Description  2A, 5V, 1MHz Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7322AKI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7322AKI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7322AKI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2013
APW7322/A
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VCC
VCC Supply Voltage
2.9~ 6
V
VIN
VIN Supply Voltage
2.6~6
V
VOUT
Converter Output Voltage
0.8~6
V
L
Inductance
1~4.7
µH
COUT
Output Capacitor
10~220
µF
IOUT
Converter Output Current
0~2
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 4)
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
CC=VIN=5V, VOUT=3.3V and TA=-40~85
oC. Typical values
are at T
A=25
oC.
Note 4: Refer to the typical application circuit.
APW7322/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCC
VCC Supply Current
VFB=0.7V
-
460
-
µA
IVCC_SDH VCC Shutdown Supply Current
EN=GND
-
-
40
µA
POWER-ON-RESET (POR)
VCC POR Voltage Threshold
VCC Rising
-
2.7
-
V
VCC POR Voltage Hysteresis
VCC Falling
-
200
-
mV
VCC Debounce Time
-
10
-
µs
VIN POR Voltage Threshold
VIN Rising
-
2.3
-
V
VIN POR Voltage Hysteresis
VIN Falling
-
50
-
mV
REFERENCE VOLTAGE
-
0.8
-
V
VREF
Reference Voltage
All temperature
-1
-
+1
%
Output Accuracy
IOUT=10mA~3A, VCC=2.9~5V
-1.5
-
+1.5
%
OSCILLATOR and DUTY CYCLE
FOSC
Oscillator Frequency
0.85
1
1.15
MHz
Maximum Converter’s Duty
VFB=0.7V
-
100
-
%
Minimum on Time
-
70
-
ns
POWER MOSFET
High Side P-MOSFET Resistance
VCC=VIN=5V, ILX=0.5A, TA=25
oC
-
85
115
m
Low Side N-MOSFET Resistance
VCC=VIN=5V, ILX=0.5A, TA=25
oC
-
75
105
m


Similar Part No. - APW7322AKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7323AKAI-TRG ANPEC-APW7323AKAI-TRG Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7323AKAI-TRG ANPEC-APW7323AKAI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
APW7323AQBI-TRG ANPEC-APW7323AQBI-TRG Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7323AQBI-TRG ANPEC-APW7323AQBI-TRG Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
More results

Similar Description - APW7322AKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
   5A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1088 ETA-ETA1088 Datasheet
190Kb / 1P
   5V/2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
logo
ACE Technology Co., LTD...
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
   5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com