Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7236BCTI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7236BCTI-TRG
Description  1.5MHz Step-Up Converter for White LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7236BCTI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7236BCTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW7236BCTI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2012
APW7236
www.anpec.com.tw
7
Block Diagram
UVLO
Oscillator
Control Logic
Σ
VIN
EN
FB
GND
LX
OVP
Thermal
Shutdown
VREF
EAMP
COMP
ICMP
Soft-start
Pin Description
PIN
NO.
TDFN2x2-8
TSOT-23-6A
NAME
FUNCTION
1, 5
2
GND
Power and signal ground pin.
2
6
VIN
Main Supply Pin. Must be closel y decoupled to GND with a 4.7
µF or greater ceramic
capacitor.
3
5
OVP
Converter Output and Over-Voltage Protection Input Pin.
4
4
EN
Enab le Control Input. Forcing this pin above 1.0V enables the device, or forcing this
pin below 0.4V to shut it down. In shutdown, all functions are disabled to decrease
the supply current below 1
µA. Do not leave this pin floating.
6
3
FB
Feedback Pin. Connect this pin to cathode of the lowest LED and current-sense
resistor (R1). Calculate resistor value according to R1=VREF/ILED .
7
-
NC
No Internal Connection.
8
1
LX
Switch pin. Connect this pin t o inductor/diode here.
Exposed Pad
-
GND
Connecting this pad to GND.


Similar Part No. - APW7236BCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7237 ANPEC-APW7237 Datasheet
584Kb / 20P
   1.5MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results

Similar Description - APW7236BCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215 Datasheet
350Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Marktech Corporate
TB62756FUG MARKTECH-TB62756FUG Datasheet
383Kb / 14P
   Step-up Type DC/DC Converter for White LEDs
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
logo
Marktech Corporate
TB62736FUG MARKTECH-TB62736FUG Datasheet
384Kb / 13P
   Step-up Type DC-DC Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com