Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTWB3040LB Datasheet(PDF) 5 Page - Coilcraft lnc.

Part # TTWB3040LB
Description  Surface Mount Wideband RF Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TTWB3040LB Datasheet(HTML) 5 Page - Coilcraft lnc.

  TTWB3040LB Datasheet HTML 1Page - Coilcraft lnc. TTWB3040LB Datasheet HTML 2Page - Coilcraft lnc. TTWB3040LB Datasheet HTML 3Page - Coilcraft lnc. TTWB3040LB Datasheet HTML 4Page - Coilcraft lnc. TTWB3040LB Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
Document 194-5
Revised 10/21/08
Document 194-5
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
Type C Transformers
TTWB-1-C
3 dB bandwidth 0.10 - 300 MHz
TTWB-1.5-C
3 dB bandwidth 0.15 - 200 MHz
TTWB-2-C
3 dB bandwidth 0.13 - 285 MHz
TTWB-4-C
3 dB bandwidth 0.14 - 50 MHz
TTWB3010
3 dB bandwidth .0035-125 MHz
TTWB3010-1
3 dB bandwidth .03 - 250 MHz
TTWB3015
3 dB bandwidth .07 - 225 MHz
TTWB3040
3 dB bandwidth .15 - 400 MHz
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
8
7
6
5
4
3
2
1
-1
0
0.001
0.01
0.1
1
10
100
Frequency (MHz)
TTWB3010-1
3 dB bandwidth 0.03 - 250 MHz
TTWB3015
3 dB bandwidth 0.07 - 225 MHz
TTWB3040
3 dB bandwidth 0.15 - 400 MHz
TTWB3010
3 dB bandwidth 0.0035 - 125 MHz


Similar Part No. - TTWB3040LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
TTWB3040L COILCRAFT-TTWB3040L Datasheet
239Kb / 5P
   Surface Mount Wideband RF Transformers
More results

Similar Description - TTWB3040LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB-2-BLB COILCRAFT-PWB-2-BLB Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
PWB-15-BLC COILCRAFT-PWB-15-BLC Datasheet
221Kb / 5P
   Surface Mount Wideband RF Transformers
1812WBT-3LB COILCRAFT-1812WBT-3LB Datasheet
236Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT COILCRAFT-1812WBT_16 Datasheet
269Kb / 2P
   Surface Mount Wideband RF Transformers
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
329Kb / 5P
   Surface Mount Wideband RF Transformers
logo
List of Unclassifed Man...
Z9280-A ETC2-Z9280-A Datasheet
222Kb / 1P
   Surface Mount Wideband RF Transformers
logo
Coilcraft lnc.
TTWB-1-AL COILCRAFT-TTWB-1-AL Datasheet
239Kb / 5P
   Surface Mount Wideband RF Transformers
Z9280-AL COILCRAFT-Z9280-AL Datasheet
355Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT-1L COILCRAFT-1812WBT-1L Datasheet
124Kb / 2P
   Surface Mount Wideband RF Transformers
Z9280 COILCRAFT-Z9280_13 Datasheet
418Kb / 2P
   Surface Mount Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com