Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS5131-393MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS5131-393MLD
Description  Shielded Power Inductors - MSS5131
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS5131-393MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS5131-393MLD Datasheet HTML 1Page - Coilcraft lnc. MSS5131-393MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors – MSS5131
Document 642-1
Document 642-1 Revised 03/01/12
DCR
SRF
Isat (A)4
Irms (A)5
Inductance2 max
typ3 10% 20% 30% 20°C 40°C
Part number1
±20% (µH) (Ohms) (MHz) drop drop drop
rise
rise
MSS5131-222ML_
2.2
0.020
65.0 1.76 2.08 2.30
2.00 3.30
MSS5131-332ML_
3.3
0.028
60.0 1.33 1.58 1.73
1.60 2.90
MSS5131-472ML_
4.7
0.038
48.0 1.08 1.32 1.42
1.40 2.50
MSS5131-562ML_
5.6
0.042
44.0 1.00 1.20 1.30
1.30 2.30
MSS5131-682ML_
6.8
0.050
42.0 0.98 1.14 1.24
1.20 2.16
MSS5131-822ML_
8.2
0.058
40.0 0.90 1.04 1.18
1.10 2.00
MSS5131-103ML_
10
0.070
38.0 0.85 0.98 1.13
1.00 1.90
MSS5131-123ML_
12
0.080
35.0 0.72 0.85 0.94
0.97 1.60
MSS5131-153ML_
15
0.100
32.0 0.67 0.78 0.86
0.94 1.50
MSS5131-183ML_
18
0.120
26.0 0.61 0.72 0.79
0.89 1.40
MSS5131-223ML_
22
0.145
22.0 0.54 0.64 0.70
0.87 1.30
MSS5131-273ML_
27
0.161
19.0 0.48 0.56 0.62
0.85 1.20
MSS5131-333ML_
33
0.200
18.0 0.44 0.52 0.58
0.80 1.10
MSS5131-393ML_
39
0.215
17.0 0.42 0.50 0.55
0.74 1.00
MSS5131-473ML_
47
0.270
16.0 0.38 0.46 0.51
0.71 0.95
MSS5131-563ML_
56
0.280
15.0 0.34 0.42 0.47
0.70 0.90
MSS5131-683ML_
68
0.368
12.5 0.31 0.38 0.42
0.66 0.85
MSS5131-823ML_
82
0.420
12.0 0.27 0.32 0.35
0.62 0.80
MSS5131-104ML_
100
0.580
11.5 0.26 0.30 0.33
0.55 0.69
MSS5131-124ML_
120
0.610
11.0 0.23 0.27 0.30
0.51 0.62
MSS5131-154ML_
150
0.820
10.0 0.21 0.26 0.28
0.47 0.58
MSS5131-184ML_
180
1.00
9.0 0.19 0.23 0.25
0.43 0.54
MSS5131-224ML_
220
1.10
8.0 0.18 0.21 0.23
0.39 0.50
MSS5131-274ML_
270
1.43
7.5 0.15 0.18 0.20
0.35 0.45
MSS5131-334ML_
330
1.58
6.8 0.13 0.17 0.19
0.32 0.42
MSS5131-394ML_
390
1.80
5.4 0.12 0.15 0.16
0.30 0.38
Designer’s Kit C362 contains 3 of each value
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over phos
bronze (current production) or gold over nickel over phos bronze (prior
production). Other terminations available at additional cost.
Weight 0.20 – 0.24 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel, 2500/13″ reel; Plastic tape: 12 mm wide,
0.35 mm thick, 8 mm pocket spacing, 3.25 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
1. Please specify
termination and packaging codes:
MSS5131-394MLC
Termination:L = RoHS compliant matte tin over nickel
over phos bronze (current production)
or gold over nickel over phos bronze
(prior production).
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
over gold over nickel over phos bronze
or
S = non-RoHS tin-lead (63/37) over
gold over nickel over phos bronze.
Packaging: C= 7
″ machine-ready reel EIA-481 em-
bossed plastic tape (600 per full reel).
B= Less than full reel In tape, but not
machine-ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D= 13
″ machine-ready reel EIA-481
embossed plastic tape. Factory order
only, not stocked (2500 per reel per
full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using
an
Agilent/HP 4263B LCR meter or equivalent.
3. SRF measured using Agilent/HP 4191A or equilvalent.
4. DC current at which the inductance drops the specified
amount from its value without current.
5. Current that causes the specified temperature rise from
25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
• 5.1 × 5.1 mm footprint; 3.1mm high shielded inductors
• Low DCR and excellent current handling


Similar Part No. - MSS5131-393MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS5131-393ML COILCRAFT-MSS5131-393ML Datasheet
438Kb / 2P
   SMT Power Inductors
MSS5131-393ML COILCRAFT-MSS5131-393ML Datasheet
533Kb / 2P
   Shielded Power Inductors
More results

Similar Description - MSS5131-393MLD

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com