Electronic Components Datasheet Search |
|
594D337016R Datasheet(PDF) 11 Page - Vishay Siliconix |
|
594D337016R Datasheet(HTML) 11 Page - Vishay Siliconix |
11 / 21 page Conformal Coated Guide www.vishay.com Vishay Sprague Revision: 23-Jul-13 2 Document Number: 40150 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SOLID ELECTROLYTE TANTALUM CAPACITORS Solid electrolyte capacitors contain manganese dioxide, which is formed on the tantalum pentoxide dielectric layer by impregnating the pellet with a solution of manganous nitrate. The pellet is then heated in an oven, and the manganous nitrate is converted to manganese dioxide. The pellet is next coated with graphite, followed by a layer of metallic silver, which provides a conductive surface between the pellet and the can in which it will be enclosed. After assembly, the capacitors are tested and inspected to assure long life and reliability. It offers excellent reliability and high stability for consumer and commercial electronics with the added feature of low cost. Surface mount designs of “Solid Tantalum” capacitors use lead frames or lead frameless designs as shown in the accompanying drawings. TANTALUM CAPACITORS FOR ALL DESIGN CONSIDERATIONS Solid electrolyte designs are the least expensive for a given rating and are used in many applications where their very small size for a given unit of capacitance is of importance. They will typically withstand up to about 10 % of the rated DC working voltage in a reverse direction. Also important are their good low temperature performance characteristics and freedom from corrosive electrolytes. Vishay Sprague patented the original solid electrolyte capacitors and was the first to market them in 1956. Vishay Sprague has the broadest line of tantalum capacitors and has continued its position of leadership in this field. Data sheets covering the various types and styles of Vishay Sprague capacitors for consumer and entertainment electronics, industry, and military applications are available where detailed performance characteristics must be specified. TYPE 195D, 572D, 591D, 592D/W, 594D, 595D, 695D, T95 TYPE 597D/T97/13008 Cathode Termination (Silver + Ni/Sn/Plating) Encapsulation Anode Termination (Silver + Ni/Sn/Plating) Sintered Tantalum Pellet MnO2 /Carbon/Silver Coating Sponge Teflon/Epoxy Tower Cathode Termination (Silver + Ni/Sn/Plating) Encapsulation Anode Termination (Silver + Ni/Sn/Plating) Sponge Teflon/Epoxy Tower Sintered Tantalum Pellet MnO 2/Carbon/Silver Coating Silver Epoxy TYPE 194D TYPE T96 TYPE T98 Encapsulation SnPb or Gold Plated Ni Anode End Cap Termination Sponge Teflon Anode Backfill MnO 2/Carbon/ Silver Coating Sintered Tantalum Pellet Conductive Silver Epoxy Adhesive Cathode Backfill SnPb or Gold Plated Ni Cathode End Cap Termination Cathode Termination (Silver + Ni/Sn or Ni/SnPb Plating) Encapsulation Anode Termination (Silver + Ni/Sn or Ni/SnPb Plating) Epoxy Tower/ Sponge Teflon Sintered Tantalum Pellet MnO2/Carbon/ Silver Coating Intermediate Cathode Silver Fuse Cathode Termination (Silver + Ni/Sn or Ni/SnPb Plating) Encapsulation Anode Termination (Silver + Ni/Sn or Ni/SnPb Plating) Epoxy Tower/ Sponge Teflon Sintered Tantalum Pellet MnO 2/Carbon/ Silver Coating Intermediate Cathode Silver Fuse |
Similar Part No. - 594D337016R |
|
Similar Description - 594D337016R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |