Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3362P-1-253 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3362P-1-253
Description  3362 - 1/4 ??Square Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3362P-1-253 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3362P-1-253 Datasheet HTML 1Page - Bourns Electronic Solutions 3362P-1-253 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Standard Resistance Table
Popular distribution resistance values listed in
boldface. Special resistances available.
3362 - 1/4 ” Square Trimming Potentiometer
REV. 09/04
How to Order
3362 P - 1 - 502 T __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
T = Knob*
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel
(M, U and P Pin Styles Only)
A = Ammo Pack
(M, U and P Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
*Knob option is available only in standard Tube
packaging for terminal style P.
Consult factory for other available options.
Packaging Specifications
3
2
1
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
7.0
(.275)
27.56 ± .76
(1.085 ± .030)
12.70
(.500)
REF.
18 + 1.0/ - 0.5
(.709 + .039 -.019)
12.7 + 0.3/ -0.25
(.500 + .012/ -.009)
DIA.
4.0 ± 0.3
(.157 ± .011)
18 ± .76
(.708 ± .029)
2.3 ± .38
(.090 ± .014)
4.7
(.185)
TOP ADJUST
3362U-1, 3362P-1
SIDE VIEW
3362U-1
SIDE VIEW
3362P-1
REF.
DIA.
3
2
1
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
750/REEL
1000/BOX
2.54
(.100)
MM
(INCHES)
12.70
(.500)
22.7 ± .76
(.893 ± .029)
18 ± .76
(.708 ± .029)
4.0 ± 0.3
(.157 ± .011)
3.56 ± .38
(.140 ± .014)
18 + .76/ -.5
(.708 + .029 -.019)
12.70 + 0.3/ - 0.25
(.500 + .011 -.009)
4.7
(.185)
7.0
(.275)
Meets EIA Specification 468.
13
9.93
(.391)
14.63
(.576)
6.71
(.264)
0.46 ± 0.25
(.018 ± .010)
DIA. 3 PLCS.
3.53
(.139)
0.25
(.010)
2.54
(.100)
5.00
(.197)
DIA.
7.04
(.277)
3.84
(.151)
5.46
(.215)
2.54
(.100)
2.54
(.100)
4.7
(.185)
ADJ. CROSS
SLOT
LONG
X WIDE
X DEEP
0.36
(.014)
0.06
(.002)
0.10
(.004)
3
1
2
The Model 3362P is available with a knob for
finger adjustment. Add suffix letter “T” to order
code.
DIMENSIONS: MM/(INCHES)
TOLERANCES: ±.25/(±.010) EXCEPT WHERE NOTED
Product Dimensions


Similar Part No. - 3362P-1-253

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-253T BOURNS-3362P-1-253T Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-253T BOURNS-3362P-1-253T Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-253TA BOURNS-3362P-1-253TA Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-253TA BOURNS-3362P-1-253TA Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-253TALF BOURNS-3362P-1-253TALF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3362P-1-253

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362P-1-504 BOURNS-3362P-1-504 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362P-1-203 BOURNS-3362P-1-203 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362W-1-201LF BOURNS-3362W-1-201LF Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362W-1-203LF BOURNS-3362W-1-203LF Datasheet
356Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-103 BOURNS-3362P-1-103 Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362U-1-103LF BOURNS-3362U-1-103LF Datasheet
283Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362S-1-501LF BOURNS-3362S-1-501LF Datasheet
301Kb / 3P
   3362 - 1/4 Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com