Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB4-1HL Datasheet(PDF) 5 Page - Coilcraft lnc.

Part # WB4-1HL
Description  Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WB4-1HL Datasheet(HTML) 5 Page - Coilcraft lnc.

  WB4-1HL Datasheet HTML 1Page - Coilcraft lnc. WB4-1HL Datasheet HTML 2Page - Coilcraft lnc. WB4-1HL Datasheet HTML 3Page - Coilcraft lnc. WB4-1HL Datasheet HTML 4Page - Coilcraft lnc. WB4-1HL Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 425-5
Document 425-5 Revised 04/27/12
Transformers with primary and secondary center taps
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT2.5-6
3 dB bandwidth: 0.050 – 100 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT4-1
3 dB bandwidth: 0.050 – 150 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT16-1
3 dB bandwidth: 0.100 – 100 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT25-1
3 dB bandwidth: 0.100 – 65 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT1-6
3 dB bandwidth: 0.040 – 200 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT1.5-1
3 dB bandwidth: 0.040 – 350 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WBT4-1A
3 dB bandwidth: 0.040 – 350 MHz
Attenuation measured on a network analyzer (re: 50 Ohms)


Similar Part No. - WB4-1HL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB4-1HL COILCRAFT-WB4-1HL Datasheet
270Kb / 2P
   Wideband Transformers
WB4-1HL COILCRAFT-WB4-1HL Datasheet
212Kb / 5P
   Wideband Transformers
WB4-1HL COILCRAFT-WB4-1HL Datasheet
616Kb / 5P
   Wideband Transformers
More results

Similar Description - WB4-1HL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com