Electronic Components Datasheet Search |
|
ECJ0EG1H220 Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
ECJ0EG1H220 Datasheet(HTML) 5 Page - Panasonic Semiconductor |
5 / 12 page – EC12 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) Item Specification Test Method Class 1 Class 2 Damp Heat Load Appearance: No mechanical damage Capacitance change: Within ±7.5 % or ±0.75 pF whichever is larger. Q: C<30 pF:Q >100+10C/3 30 pF <C<1000 pF:Q>200 tan δ: C>1000 pF:tan δ<0.004 (C:Nominal capacitance in pF) IR: 500 M or 25/C (M ) Whichever is less. (C:Nominal capacitance in µF) Appearance: No mechanical damage Capacitance change: Temp. Char. B, X7R, X5R: Within ±20 % F, Y5V: Within ±30 % tan δ: Temp. Char. B, X7R, X5R: 0.25 max. F, Y5V: 0.3 max. IR: 500 M or 25/C (M ) Whichever is less. Note:5/C (M ) min. for DC 10 V max. C:Nominal capacitance in µF Please see the technical specifications for details. Preconditioning:Voltage treatment/Class 2 ( ✽2) Temperature:40±2 °C Relative humidity:90 to 95 % Applied voltage:Rated voltage Charge/discharge current: 50 mA max. Test period:500+24/0 h Recovery (Standard condition) Class 1:24±2 h Class 2:48±4 h High Temperature Load Appearance: No mechanical damage Capacitance change: Within ±3 % or ±0.3 pF whichever is larger. Q: C<10 pF:Q >200+10C 10 pF <C<30 pF:Q>275+5C/2 30 pF <C<1000 pF:Q>350 tan δ: C>1000 pF:tan δ<0.004 C:Nominal capacitance in pF IR: 1000 M or 50/C (M ) Whichever is less. C:Nominal capacitance in µF Appearance: No mechanical damage Capacitance change: Temp. Char. B, X7R, X5R: Within ±20 % F, Y5V: Within ±30 % tan δ: Temp. Char. B, X7R, X5R: 0.25 max. F, Y5V: 0.3 max. IR: 1000 M Ω or 50/C (M ) Whichever is less. Note:10/C (M ) min. for DC 10 V max. C:Nominal capacitance in µF Please see the technical specifications for details. Preconditioning:Voltage treatment/Class 2 ( ✽2) Temperature: Maximum operating temp. ±3 °C Applied voltage: (1) Rated voltage ×200 % (2) Rated voltage ×100 % Please see the technical specifications for details. Charge/discharge current: 50 mA max. Test period:1000+48/0 h Recovery (Standard condition) Class 1:24±2 h Class 2:48±4 h ( ✽1) Heat treatment:1 h of heat treatment at 150+0/–10 °C followed by 48±4 h recovery under standard conditions ( ✽2) Voltage treatment:1 h of voltage treatment under the specified temperature and voltage for testing followed by 48±4 h of recovery under standard conditions Sep. 2008 00 |
Similar Part No. - ECJ0EG1H220 |
|
Similar Description - ECJ0EG1H220 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |