Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH-27X-395JLT Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # PCH-27X-395JLT
Description  Axial Lead Power Chokes - PCH-27, 45
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PCH-27X-395JLT Datasheet(HTML) 3 Page - Coilcraft lnc.

  PCH-27X-395JLT Datasheet HTML 1Page - Coilcraft lnc. PCH-27X-395JLT Datasheet HTML 2Page - Coilcraft lnc. PCH-27X-395JLT Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document 138-3
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 138-3 Revised 07/21/10
Part
Inductance
Percent
SRF typ
DCR max
Isat4
Irms5
number1
nom2
tolerance3
(MHz)
(Ohms)
(A)
(A)
PCH-45X-392KLT
3.9 µH
10
34
0.008
14.3
4.3
PCH-45X-472KLT
4.7 µH
10
31
0.009
13.0
4.3
PCH-45X-562KLT
5.6 µH
10
29
0.009
11.9
4.3
PCH-45X-682KLT
6.8 µH
10
26
0.010
11.0
4.3
PCH-45X-822KLT
8.2 µH
10
23
0.011
9.50
4.3
PCH-45X-103KLT
10 µH
10
20
0.012
8.93
4.3
PCH-45X-123KLT
12 µH
10
17
0.013
7.94
4.3
PCH-45X-153KLT
15 µH
10
14
0.015
7.15
4.3
PCH-45X-183KLT
18 µH
10
11
0.016
6.50
4.3
PCH-45X-223_LT
22 µH
10,5
10
0.017
5.95
4.3
PCH-45X-273_LT
27 µH
10,5
9
0.019
5.50
4.3
PCH-45X-333_LT
33 µH
10,5
9
0.021
4.93
4.3
PCH-45X-393_LT
39 µH
10,5
8
0.025
4.46
4.3
PCH-45X-473_LT
47 µH
10,5
7
0.035
4.08
3.4
PCH-45X-563_LT
56 µH
10,5
6
0.037
3.76
3.4
PCH-45X-683_LT
68 µH
10,5
5
0.044
3.40
2.7
PCH-45X-823_LT
82 µH
10,5
4
0.060
3.10
2.1
PCH-45X-104_LT
100 µH
10,5
3
0.086
2.80
1.7
PCH-45X-124_LT
120 µH
10,5
3
0.095
2.55
1.7
PCH-45X-154_LT
150 µH
10,5
3
0.14
2.30
1.3
PCH-45X-184_LT
180 µH
10,5
2
0.15
2.10
1.3
PCH-45X-224_LT
220 µH
10,5
2
0.17
1.90
1.3
PCH-45X-274_LT
270 µH
10,5
2
0.19
1.72
1.3
PCH-45X-334_LT
330 µH
10,5
2
0.21
1.55
1.3
PCH-45X-394_LT
390 µH
10,5
2
0.26
1.43
1.0
PCH-45X-474_LT
470 µH
10,5
1
0.32
1.30
1.0
PCH-45X-564_LT
560 µH
10,5
1
0.38
1.19
0.84
PCH-45X-684_LT
680 µH
10,5
1
0.51
1.08
0.67
PCH-45X-824_LT
820 µH
10,5
1
0.59
0.986
0.67
PCH-45X-105_LT
1.0 mH
10,5
1
0.69
0.893
0.67
PCH-45X-125_LT
1.2 mH
10,5
1
0.78
0.817
0.67
PCH-45X-155_LT
1.5 mH
10,5
0.75
0.92
0.729
0.67
PCH-45X-225_LT
2.2 mH
10,5
0.70
1.67
0.600
0.42
PCH-45X-275_LT
2.7 mH
10,5
0.65
2.28
0.543
0.33
PCH-45X-335_LT
3.3 mH
10,5
0.60
2.59
0.491
0.33
PCH-45X-395_LT
3.9 mH
10,5
0.55
2.87
0.452
0.33
PCH-45X-475_LT
4.7 mH
10,5
0.50
3.22
0.412
0.33
PCH-45X-565_LT
5.6 mH
10,5
0.40
4.25
0.377
0.26
PCH-45X-685_LT
6.8 mH
10,5
0.35
5.88
0.342
0.21
PCH-45X-825_LT
8.2 mH
10,5
0.30
6.46
0.311
0.21
PCH-45X-106_LT
10 mH
10,5
0.30
9.10
0.282
0.16
PCH-45X-126_LT
12 mH
10,5
0.30
9.99
0.257
0.16
PCH-45X-156_LT
15 mH
10,5
0.30
11.2
0.230
0.16
PCH-45X-186_LT
18 mH
10,5
0.20
15.2
0.210
0.13
PCH-45X-226_LT
22 mH
10,5
0.20
16.8
0.190
0.13
PCH-45X-276_LT
27 mH
10,5
0.15
18.6
0.171
0.13
PCH-45X-336_LT
33 mH
10,5
0.15
26.7
0.155
0.10
PCH-45X-396_LT
39 mH
10,5
0.15
29.0
0.143
0.10
PCH-45X-476_LT
47 mH
10,5
0.10
31.8
0.131
0.10
PCH-45X-566_LT
56 mH
10,5
0.10
42.6
0.119
0.083
PCH-45X-686_LT
68 mH
10,5
0.10
46.9
0.108
0.083
PCH-45X-826_LT
82 mH
10,5
0.10
64.9
0.098
0.067
PCH-45X-107_LT
100 mH
10,5
0.10
71.7
0.099
0.067
1. Please specify
sleeve, tolerance, termination and packaging codes:
PCH-45X-107KLT
Sleeve
X = No sleeve, S = Optional heat-shrink sleeve (not stocked)
Tolerance:
J = 5%, K = 10% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant tin-silver over copper
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: T = 100 per tray
R = Optional tape and reel (1000 per full 13
″ reel)
2. Inductance tested at 15.75 kHz, 0.1 Vrms, 25°C ambient.
3. Tolerances in bold are stocked for immediate shipment.
4. DC current at which the inductance drops 10% (typ) from its value without
current.
5. Rated current based on 300 circular mils per Amp.
6. Operating temperature range –40°C to +85°C.
7. Electrical specifications at 25°C.
8. Parts in bold type are included in Coilcraft Designer’s Kit No. P409.
Axial Lead Power Chokes – PCH-45


Similar Part No. - PCH-27X-395JLT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PCH-27-103L COILCRAFT-PCH-27-103L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-27-104L COILCRAFT-PCH-27-104L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-27-105L COILCRAFT-PCH-27-105L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-27-106L COILCRAFT-PCH-27-106L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
PCH-27-123L COILCRAFT-PCH-27-123L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
More results

Similar Description - PCH-27X-395JLT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
90-01 COILCRAFT-90-01 Datasheet
111Kb / 2P
   Axial Lead Chokes
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
   Axial Molded Power Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com