Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKTBC221KB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECKTBC221KB
Description  Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC221KB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECKTBC221KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 5Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
■ Dimensions in mm (not to scale) 【Type HC:Y1】
(3.7)
(2.0)
2.5±0.2
1.45±0.30
2.5±0.3
6.3±0.3
7.1±0.5
Type BC
(3.1)
(1.7)
2.5±0.2
0.85±0.30
2.3 max
4.5±0.3
5.7±0.5
Type FC
Dim.
B
A
E
S
H
W
L
Symbol
■ Specifications 【TypeBC,FC:Y2】
-25 ~ 85 ℃
±10%
B/Y5P
Temp. Range
Max. Cap. Change
Char.
Temperature Coefficient:+350 to –1000 ppm/ ℃
over the temperature range 20 to 85 ℃
Temperature
Characteristics
+20,-55%
E/Y5U
10000 MΩmin. at 500 VDC and 1 minute electrification
Insulation Resistance
1500 VAC for 1 minute
Dielectric
Withstanding Voltage
250 VAC
Rated Voltage
–25 to 100 ℃
Operating Temperature
Range
tan δ < 0.025
at 1 kHz±20 %, 1 to 5 Vrms. and 20 ℃
30 pF or under Q > 200+10 C (C:Cap.pF)
over 30 pF Q > 500
at 1 MHz±20 %, 1 to 5 Vrms. and 20 ℃
Q or Dissipation Factor
(tan δ)
+30,-80%
F/Y5V
Within the specified tolerance, when measured
at 1 kHz±20 %, 1 to 5 Vrms. and 20 ℃
Within the specified tolerance, when measured
at 1 MHz±20 %, 1 to 5 Vrms. and 20 ℃
Capacitance
Temp. Char. B/Y5P, E/Y5U, F/Y5V
Temp. Char. SL/GP
Characteristics
(1.7)
A
(3.1)
B
8.0 min
L2
12.0±0.5
L1
2.5±0.2
1.0±0.50
2.5 max
4.5±0.2
6.8±0.3
Type HC
Dim.
E
S
H
W
L
Symbol
Ceramic Capacitors (Safety Regulation SMD)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
■ Specifications 【Type HC:Y1】
-25 ~ 85 ℃
Temp. Range
±10%
Max. Cap. Change
B/Y5P
Char.
Temperature Characteristics
10000 MΩmin. at 500 VDC and 1 minute electrification
Insulation Resistance
4000 VAC for 1 minute
Dielectric Withstanding Voltage
250 VAC
Rated Voltage
–25 to 125 ℃
Operating Temperature Range
tan δ < 0.025at 1 kHz±20 %, 1 to 5 Vrms. and 20 ℃
Q or Dissipation Factor (tan δ)
Within the specified tolerance, when measured at 1kHz±20%, 1 to 5 Vrms. and 20 ℃
Capacitance
Temp. Char. B/Y5P
Characteristics
■ Dimensions in mm (not to scale) 【Type BC,FC:Y2】


Similar Part No. - ECKTBC221KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
247Kb / 5P
   Ceramic Capacitors (Safety Regulation SMD)
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results

Similar Description - ECKTBC221KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471KB PANASONIC-ECK-THC471KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-THC471MB PANASONIC-ECK-THC471MB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com