Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7153B Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7153B
Description  3A 5V 2MHz Synchronous Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7153B Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7153B Datasheet HTML 4Page - Anpec Electronics Coropration APW7153B Datasheet HTML 5Page - Anpec Electronics Coropration APW7153B Datasheet HTML 6Page - Anpec Electronics Coropration APW7153B Datasheet HTML 7Page - Anpec Electronics Coropration APW7153B Datasheet HTML 8Page - Anpec Electronics Coropration APW7153B Datasheet HTML 9Page - Anpec Electronics Coropration APW7153B Datasheet HTML 10Page - Anpec Electronics Coropration APW7153B Datasheet HTML 11Page - Anpec Electronics Coropration APW7153B Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APW7153/A/B
www.anpec.com.tw
8
Block Diagram
APW7153
APW7153A
LX
Gate
Control
Fault
Logics
Error
Amplifier
FB
Inhibit
PGND
POR
Power-On-
Reset
Current Sense
Amplifier
COMP
Oscillator
Slope
Compensation
Current
Compartor
Over-
Temperature
Protection
Current
-Limit
Gat
e
Gm
1V
OTP
Current Sense
Amplifier
LOC
LOC
VDD
SHDN/RT
0.4
Shutdown
GND
Gate
Driver
UVP
V
REF
OVP
Zero Crossing
Amplifier
0.8V
PVDD
Soft-Start
LX
Gate
Control
Fault
Logics
Error
Amplifier
FB
Inhibit
PGND
POR
Power-On-
Reset
Current Sense
Amplifier
COMP
Oscillator
Slope
Compensation
Current
Compartor
Over-
Temperature
Protection
Current
-Limit
Gat
e
Gm
PVDD
3
5
6
9
10
0.625V
OTP
Current Sense
Amplifier
LOC
LOC
VDD
7
4 LX
EN/RT
1
0.25V
8
Shutdown
POK
GND
Gate
Driver
UVP
V
REF
OVP
2
0.5625V
0.4375V
0.5V
Zero Crossing
Comparator
Soft-Start


Similar Part No. - APW7153B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
APW7158KE-TRG ANPEC-APW7158KE-TRG Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
More results

Similar Description - APW7153B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
   3A 5V 1MHz Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
   3A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com