Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5320-37QF Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5320-37QF
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-37QF Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5320-37QF Datasheet HTML 2Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 3Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 9Page - Anpec Electronics Coropration APL5320-37QF Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
6
Typical Operating Characteristics
Quiescent Current vs. Temperature
34
35
36
37
38
39
40
41
42
Temperature (oC)
APL5320-12,
V
IN=VEN=4.2V
-40 -25
0
25
50
75
100
125
PSRR vs. Frequency
Dropout Voltage vs. Output Current
Output Current (mA)
T
J=-40
oC
0
50
100
150
200
250
300
350
400
T
J=125
oC
T
J=25
oC
APL5320-30,
C
OUT=1µF
0
100
200
300
Output Noise
Current-Limit Threshold vs. Input Voltage
-200
-100
0
100
200
Time (ms)
APL5320-12, I
OUT=50mA,
V
IN=VEN=4.2V(Battery)
0
20
40
60
80
100
Quiescent Current vs. Supply Voltage
Supply Voltage (V)
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
2.5
3
3.5
4
4.5
5
5.5
400
450
500
550
600
650
700
Input Voltage (V)
6
Frequency (Hz)
APL5320-12, V
IN=4V,
C
OUT=1µF, IOUT=50mA
-100
-80
-60
-40
-20
0
100
1k
10k
100k
1M


Similar Part No. - APL5320-37QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-37QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com