Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7145 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7145
Description  3A, 12V, Synchronous-Rectified Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7145 Datasheet HTML 7Page - Anpec Electronics Coropration APW7145 Datasheet HTML 8Page - Anpec Electronics Coropration APW7145 Datasheet HTML 9Page - Anpec Electronics Coropration APW7145 Datasheet HTML 10Page - Anpec Electronics Coropration APW7145 Datasheet HTML 11Page - Anpec Electronics Coropration APW7145 Datasheet HTML 12Page - Anpec Electronics Coropration APW7145 Datasheet HTML 13Page - Anpec Electronics Coropration APW7145 Datasheet HTML 14Page - Anpec Electronics Coropration APW7145 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2011
APW7145
www.anpec.com.tw
11
Typical Application Circuit
1. 4.3~14V Single Power Input Step-down Converter (with a Ceramic Output Capacitor)
LX
EN
6
VIN
2
AGND
3
COMP
5
9
U1
APW7145
FB
4
V
OUT
L1
3A
V
IN
C1
LX
7
Enable
Shutdown
PGND
8
C2
R1
±
1%
R2
±1%
C4
30%, Optional)
R3
5%)
C3
30%)
a. Cost-effective Feedback Compensation (C4 is no connection)
V
IN(V)
V
OUT(V)
L1(
µF)
C2(
µF)
C2 ESR(m
Ω)
R1(k
Ω)
R2(k
Ω)
R3(k
Ω)
C3(pF)
12
5
6.8
22
5
63.0
12
33.0
820
12
5
6.8
44
3
63.0
12
68.0
820
12
3.3
4.7
22
5
46.9
15
27.0
1000
12
3.3
4.7
44
3
46.9
15
56.0
1000
12
2
3.3
22
5
30.0
20
18.0
1800
12
2
3.3
44
3
30.0
20
33.0
1800
12
1.8
3.3
22
5
18.8
15
15.0
1800
12
1.8
3.3
44
3
18.8
15
30.0
1800
5
3.3
2.2
22
5
46.9
15
27.0
470
5
3.3
2.2
44
3
46.9
15
56.0
470
5
1.8
2.2
22
5
25.0
20
15.0
820
5
1.8
2.2
44
3
25.0
20
30.0
820
5
1.5
2.2
22
5
21.9
25
12.0
1000
5
1.5
2.2
44
3
21.9
25
24.0
1000
5
1.2
2.2
22
5
7.5
15
10.0
1200
5
1.2
2.2
44
3
7.5
15
20.0
1200


Similar Part No. - APW7145

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145KA ANPEC-APW7145KA Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145KAI-TRG ANPEC-APW7145KAI-TRG Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145KAI-TRG ANPEC-APW7145KAI-TRG Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
More results

Similar Description - APW7145

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
   Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
   Synchronous-Rectified Buck Converter
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
   Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com