Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D226010B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 594D226010B
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D226010B Datasheet(HTML) 3 Page - Vishay Siliconix

  594D226010B Datasheet HTML 1Page - Vishay Siliconix 594D226010B Datasheet HTML 2Page - Vishay Siliconix 594D226010B Datasheet HTML 3Page - Vishay Siliconix 594D226010B Datasheet HTML 4Page - Vishay Siliconix 594D226010B Datasheet HTML 5Page - Vishay Siliconix 594D226010B Datasheet HTML 6Page - Vishay Siliconix 594D226010B Datasheet HTML 7Page - Vishay Siliconix 594D226010B Datasheet HTML 8Page - Vishay Siliconix 594D226010B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
594D
www.vishay.com
Vishay Sprague
Revision: 25-Jun-13
3
Document Number: 40006
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
120
C
594D127(1)6R3C(2)(3)
7.60
8
0.085
1.14
220
C
594D227(1)6R3C(2)(3)
13.90
8
0.080
1.17
220
D
594D227(1)6R3D(2)(3)
13.90
8
0.065
1.52
330
C
594D337(1)6R3C(2)(3)
20.80
8
0.080
1.17
330
D
594D337(1)6R3D(2)(3)
20.80
8
0.060
1.58
390
R
594D397(1)6R3R(2)(3)
24.60
8
0.045
2.36
470
D
594D477(1)6R3D(2)(3)
29.60
8
0.060
1.58
470
R
594D477(1)6R3R(2)(3)
29.60
10
0.050
2.24
680
R
594D687(1)6R3R(2)(3)
42.80
10
0.045
2.36
1000
R
594D108(1)6R3R(2)(3)
63.00
16
0.030
2.89
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
15
B
594D156(1)010B(2)(3)
1.50
6
0.500
0.41
22
B
594D226(1)010B(2)(3)
2.20
6
0.500
0.41
33
B
594D336(1)010B(2)(3)
3.30
6
0.500
0.41
47
B
594D476(1)010B(2)(3)
4.70
6
0.400
0.46
68
B
594D686(1)010B(2)(3)
6.80
6
0.350
0.49
68
C
594D686(1)010C(2)(3)
6.80
6
0.100
1.05
100
B
594D107(1)010B(2)(3)
10.00
12
0.250
0.58
100
C
594D107(1)010C(2)(3)
10.00
8.0
0.095
1.08
120
C
594D127(1)010C(2)(3)
12.00
7.0
0.095
1.08
150
C
594D157(1)010C(2)(3)
15.00
8.0
0.090
1.11
150
D
594D157(1)010D(2)(3)
15.00
8
0.075
1.41
180
D
594D187(1)010D(2)(3)
18.00
7
0.090
1.29
220
C
594D227(1)010C(2)(3)
22.00
8
0.100
1.05
220
D
594D227(1)010D(2)(3)
22.00
8
0.065
1.52
220
R
594D227(1)010R(2)(3)
22.00
8
0.065
1.96
330
D
594D337(1)010D(2)(3)
33.00
8
0.065
1.52
330
R
594D337(1)010R(2)(3)
33.00
8
0.045
2.36
470
R
594D477(1)010R(2)(3)
47.00
8
0.045
2.36
680
R
594D687(1)010R(2)(3)
68.00
14
0.045
2.36
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
15
B
594D156(1)016B(2)(3)
2.40
6
0.550
0.39
22
B
594D226(1)016B(2)(3)
3.50
6
0.500
0.41
33
B
594D336(1)016B(2)(3)
5.30
6
0.500
0.41
33
C
594D336(1)016C(2)(3)
5.30
6
0.150
0.86
47
B
594D476(1)016B(2)(3)
7.50
6
0.720
0.34
47
C
594D476(1)016C(2)(3)
7.50
6
0.110
1.00
68
C
594D686(1)016C(2)(3)
10.90
6
0.123
0.95
68
D
594D686(1)016D(2)(3)
10.90
6
0.095
1.26
100
C
594D107(1)016C(2)(3)
16.00
8
0.080
1.17
100
D
594D107(1)016D(2)(3)
16.00
8
0.075
1.41
120
R
594D127(1)016R(2)(3)
19.20
8
0.080
1.77
150
D
594D157(1)016D(2)(3)
24.00
8
0.085
1.33
180
R
594D187(1)016R(2)(3)
28.80
8
0.055
2.13
220
D
594D227(1)016D(2)(3)
35.20
12
0.080
1.37
220
R
594D227(1)016R(2)(3)
35.20
8
0.055
2.13
330
R
594D337(1)016R(2)(3)
52.80
14
0.055
2.13
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”.


Similar Part No. - 594D226010B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D226010B VISHAY-594D226010B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
More results

Similar Description - 594D226010B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com