Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7128 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7128
Description  30V, 1.2MHz, White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7128 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7128_10 Datasheet HTML 1Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 2Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 3Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 4Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 5Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 6Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 7Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 8Page - Anpec Electronics Coropration APW7128_10 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2010
APW7128
www.anpec.com.tw
4
Typical Operating Characteristics
400
500
600
700
800
0
5
10
15
20
25
VIN Supply Voltage (V)
no switching
VIN Supply Current vs. VIN
Supply Voltage
2.5
3.5
4.5
5.5
6.5
7.5
0
5
10
15
20
25
VIN Supply Voltage (V)
8.5
9.0
switching
VIN Supply Current vs. VIN
Supply Voltage
60
65
70
75
80
85
90
95
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
V
IN=19V
V
IN=12V
V
IN=6V
Load Current (A)
8LEDs in series
Efficiency vs. Load Current
0.490
0.495
0.500
0.505
0.510
0
5
10
15
20
25
VIN Supply Voltage (V)
FB Voltage vs. VIN Supply Voltage
2.0
1.0
1.2
1.4
1.6
1.8
VIN Supply Voltage (V)
2
6
10
14
18
22
EN High Threshold
EN Low Threshold
EN Threshold Voltage vs. VIN
Supply Voltage
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
ALS Input Voltage (V)
0
0.5
1
1.5
2
FB Voltage vs. ALS Input Voltage


Similar Part No. - APW7128_10

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7128QA ANPEC-APW7128QA Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
APW7128QAI-TRG ANPEC-APW7128QAI-TRG Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
APW7128QAI-TRL ANPEC-APW7128QAI-TRL Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
More results

Similar Description - APW7128_10

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7128 ANPEC-APW7128 Datasheet
288Kb / 15P
   30V, 1.2MHz, White LED Driver
logo
Shenzhen Huazhimei Semi...
HM1538B HMSEMI-HM1538B Datasheet
949Kb / 5P
   1.2MHz, 30V BLAS Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
   1.2MHz, High Efficiency Boost White LED Driver
HM5663 HMSEMI-HM5663 Datasheet
1Mb / 9P
   1.2MHz,3V-24V Input High Efficiency Boost White LED Driver
logo
Monolithic Power System...
MP3306 MPS-MP3306 Datasheet
435Kb / 12P
   30V, 700kHz Synchronous Step-Up White LED Driver
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com