Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7120KE-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7120KE-TRL
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120KE-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7120KE-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW7120KE-TRL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jun., 2008
APW7120
www.anpec.com.tw
9
Operating Waveforms (Cont.)
2. UGATE and LGATE Switching Waveforms
Rising V
UGATE
Ch1 : VUGATE, 5V/Div, DC
Time : 20ns/Div
Ch2 : VLGATE, 2V/Div, DC
BW = 500 MHz
Falling V
UGATE
Ch1 : VUGATE, 5V/Div, DC
Time : 20ns/Div
Ch2 : VLGATE, 2V/Div, DC
BW = 500 MHz
3. Powering ON / OFF
Powering ON
Powering OFF
Ch1 : VCC, 2V/Div, DC
Ch3 : IL, 10A/Div, DC
BW = 20 MHz
Ch2 : VOUT, 1V/Div, DC
Time : 10ms/Div
VUGATE
1,2
1,2
IOUT = 15A
VLGATE
1,2
1,2
VUGATE
VLGATE
2
2
VCC
IL
VOUT
2
2
VCC
IL
VOUT
(Refer to the typical application circuit, VBIAS=VIN=+12V supplied by an ATX Power Supply)
VCC=VIN=5V
RL=0.12
1
1
3
3
VCC=VIN=5V
RL=0.12
1
1
3
3
Ch1 : VCC, 2V/Div, DC
Ch3 : IL, 10A/Div, DC
BW = 20 MHz
Ch2 : VOUT, 1V/Div, DC
Time : 5ms/Div


Similar Part No. - APW7120KE-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120KE-TRL ANPEC-APW7120KE-TRL Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120KE-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com