Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252R03L470BT3E Datasheet(PDF) 6 Page - Johanson Technology Inc.

Part # 252R03L470BT3E
Description  MULTI-LAYER HIGH-Q CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

252R03L470BT3E Datasheet(HTML) 6 Page - Johanson Technology Inc.

Back Button 252R03L470BT3E Datasheet HTML 2Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 3Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 4Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 5Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 6Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 7Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 8Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 9Page - Johanson Technology Inc. 252R03L470BT3E Datasheet HTML 10Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
12
www.johansontechnology.com
SERIES RESONANCE CHART
0.5
1.0
10.0
25.0
Capacitance (pF)
0.1
1
10
100
200
R05/0201
R07/0402
R14/0603
R15/0805
Typical Series Resonant Frequency (Series Mounted)
Lead
Size
Units
L
Tol
W
Tol
T (max)
E/B (typ) LL(min)
X
Tol
e
Tol
1
S42E
In
0.135
+/- .015
0.110
+/- .020
0.120
0.015
0.25
0.093
+/-0.005
0.004
+/- 0.001
mm
3.43
+/- 0.38
2.79
+/- 0.51
3.05
0.38
6.35
2.36
+/- 0.13
0.102
+/- 0.025
S48E
In
0.245
+/- 0.025
0.250 +/- 0.015
0.160
0.025
0.50
0.240
+/- 0.005
0.004
+/- 0.001
mm
6.22
+/- 0.64
6.35
+/-0.38
3.81
0.63
12.7
6.10
+/- 0.13
0.102
+/- 0.025
S58E
In
0.38
+0.035 / - 0.010
0.38
+/- 0.010
0.170
0.04 MAX.
0.750
0.35
+/- 0.010
0.010
+/- 0.005
mm
9.65
+0.89 / -0.25
9.65
+/- 0.25
4.32
1.02 MAX.
19.05
8.89
+/- 0.25
0.25
+/- 0.13
2
S42E
In
0.135
+/- .015
0.110
+/- .020
0.102
0.015
0.25
0.093
+/-0.005
0.004
+/- 0.001
mm
3.43
+/- 0.38
2.79
+/- 0.51
2.59
0.38
6.35
2.36
+/- 0.13
0.102
+/- 0.025
S48E
In
0.245
+/- 0.025
0.250 +/- 0.015
0.160
0.025
0.50
0.240
+/- 0.005
0.004
+/- 0.001
mm
6.22
+/- 0.64
6.35
+/-0.38
3.81
0.63
12.7
6.10
+/- 0.13
0.102
+/- 0.025
S58E
In
0.38
+0.035 / - 0.010
0.38
+/- 0.010
0.170
0.04 MAX.
0.750
0.35
+/- 0.010
0.010
+/- 0.005
mm
9.65
+0.89 / -0.25
9.65
+/- 0.25
4.32
1.02 MAX.
19.05
8.89
+/- 0.25
0.25
+/- 0.13
3
S42E S48E
S58E
In
0.145
+/- .020
0.110
+/- .015
0.102
0.50
#26 AWG, .016 (.406) dia. nominal
mm
3.68
+/- 0.51
2.79
+/- 0.38
2.59
12.70
4
S42E S48E
S58E
In
0.135
+/- .015
0.110
+/- .015
0.102
0.25
0.093
+/-0.005
0.004
+/- 0.001
mm
3.43
+/- 0.38
2.79
+/- 0.38
2.59
6.35
2.36
+/- 0.13
0.102
+/- 0.025
5
S42E S48E
S58E
In
0.145
+/- .020
0.110
+/- .015
0.102
0.50
#26 AWG, .016 (.406) dia. nominal
mm
3.68
+/- 0.51
2.79
+/- 0.38
2.59
12.70
Termination
Size
Units
L
Tol
W
Tol
T
E / B
Tol
V,T
U,C
S42E
In
0.110 +.020 -.010 0.110
+/- .015
0.102 Max. 0.015 Typ. +/- 0.008
mm
2.79 +0.51 -0.25
2.79
+/- 0.38
2.59 Max.
0.38 Typ.
+/- 0.20
S48E
In
0.230 +.025 -.010 0.250
+/- .015
0.150 Max. 0.025 Typ.
mm
5.84 +0.63 -0.25
6.35
+/- 0.38
3.81 Max.
0.63 Typ.
S58E
In
0.380 +.015 -.010 0.380
+/- .010
0.170 Max. 0.025 Typ.
mm
9.65 +0.38 -0.25
9.65
+/- 0.25
4.32 Max.
0.63 Typ.
For all E-Series Models:
OPERATING TEMP. :
-55 to +125°C
INSULATION RESISTANCE:
>1000
ΩF or >10 GΩ,
whichever is less @ 25°C WVDC
TEMPERATURE COEFFICIENT:
0 ± 30ppm /°C, -55 to 125°C
DISSIPATION FACTOR (TYP.):
< 0.05% @ 1 MHz
E-SERIES TERMINATIONS AND LEADS


Similar Part No. - 252R03L470BT3E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
logo
Oscilent Corporation
252-12.0M-18-15GS OSCILENT-252-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15GW OSCILENT-252-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NS OSCILENT-252-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NW OSCILENT-252-12.0M-18-15NW Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 252R03L470BT3E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
   Multi-Layer High-Q Capacitors
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com