Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252R03S470BT3E Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # 252R03S470BT3E
Description  MULTI-LAYER HIGH-Q CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

252R03S470BT3E Datasheet(HTML) 3 Page - Johanson Technology Inc.

  252R03S470BT3E Datasheet HTML 1Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 2Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 3Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 4Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 5Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 6Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 7Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 8Page - Johanson Technology Inc. 252R03S470BT3E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
9
www.johansontechnology.com
Miniature Size - Portable Electronics
RF Power Applications
01005
(R03S)
0201 (R05)
0402
(R07S)
0603
(R14S)
0805
(R15S)
1111
(S42E)
2525**
(S48E)
3838**
(S58E)
NPO
(R05L)
X7R*
(R05W)
Capacitance
Toler-
ance
Voltage
pF
Code
36
360
F
G
J
K
25 V
250 V
250 V
500V
1000V
39
390
25 V
250 V
250 V
500V
1000V
2500V
3600V
7200V
43
430
25 V
250 V
250 V
500V
1000V
47
470
25 V
250 V
250 V
500V
1000V
2500V
3600V
7200V
51
510
25 V
250 V
250 V
500V
1000V
56
560
25 V
250 V
250 V
500V
1000V
2500V
3600V
7200V
62
620
25 V
250 V
250 V
500V
1000V
68
680
25 V
250 V
250 V
500V
1000V
2500V
3600V
7200V
75
750
25 V
250 V
250 V
500V
1000V
82
820
25 V
250 V
250 V
500V
1000V
2500V
3600V
7200V
91
910
25 V
250 V
250 V
500V
1000V
100
101
25 V
250 V
250 V
500V
1000V
2500V
3600V
7200V
110
111
16 V
250 V
500V
120
121
250 V
500V
2500V
3600V
5000V
130
131
250 V
500V
150
151
250 V
500V
2500V
3600V
5000V
160
161
250 V
500V
180
181
250 V
500V
2500V
3600V
5000V
200
201
250 V
500V
220
221
16 V
250 V
500V
2500V
3600V
240
241
500V
270
271
500V
2500V
3600V
300
301
500V
330
331
500V
1500V
3600V
360
361
500V
390
391
500V
1500V
3600V
430
431
G
J
K
500V
470
471
16 V
500V
1500V
2500V
510
511
500V
560
561
500V
1000V
2500V
620
621
500V
680
681
16 V
50V
1000V
2500V
750
751
50V
820
821
16 V
50V
1000V
1000V
910
911
50V
1000
102
10 V
50V
1000V
1000V
1200
122
1000V
1000V
1500
152
500V
1000V
1800
182
500V
1000V
2200
222
10 V
300V
1000V
2700
272
300V
500V
3300
332
500V
3900
392
500V
4700
472
10 V
500V
5100
512
500V
10000
103
6.3 V
LOW ESR / HIGH-Q CAPACITOR SELECTION CHART
EIA Size
Cap. Value
* The R05W parts, which are X7R, can only be provided with “K” tolerance.
Consult factory for Non-Standard values.


Similar Part No. - 252R03S470BT3E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
logo
Oscilent Corporation
252-12.0M-18-15GS OSCILENT-252-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15GW OSCILENT-252-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NS OSCILENT-252-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NW OSCILENT-252-12.0M-18-15NW Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 252R03S470BT3E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
   Multi-Layer High-Q Capacitors
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com