Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252R05S470AT3E Datasheet(PDF) 7 Page - Johanson Technology Inc.

Part # 252R05S470AT3E
Description  MULTI-LAYER HIGH-Q CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

252R05S470AT3E Datasheet(HTML) 7 Page - Johanson Technology Inc.

Back Button 252R05S470AT3E Datasheet HTML 3Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 4Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 5Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 6Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 7Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 8Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 9Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 10Page - Johanson Technology Inc. 252R05S470AT3E Datasheet HTML 11Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
13
www.johansontechnology.com
0.01
0.1
1
0
500
1000
1500
2000
2500
Frequency (MHz)
0.5 pF
1.2 pF
3.3 pF
5.6 pF
8.2 pF
22 pF
ESR vs Frequency: 0201/R05L
1
10
100
1000
10000
0
500
1000
1500
2000
2500
Q
Frequency (MHz)
0.5 pF
1.2 pF
3.3 pF
5.6 pF
8.2 pF
22 pF
Q vs Frequency: 0201/R05L
0.01
0.1
1
0.5
1
10
50
Capacitance (pF)
150-250MHz
900-1000MHz
1900-2000MHz
2100-2250MHz
ESR vs Capacitance: 0201/R05L
10
100
1000
10000
0.5
1
10
50
Q
Capacitance (pF)
150-250MHz
900-1000MHz
1900-2000MHz
2100-2250MHz
Q vs Capacitance: 0201/R05L
RF CHARACTERISTICS - L-SERIES


Similar Part No. - 252R05S470AT3E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
logo
Oscilent Corporation
252-12.0M-18-15GS OSCILENT-252-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15GW OSCILENT-252-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NS OSCILENT-252-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NW OSCILENT-252-12.0M-18-15NW Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 252R05S470AT3E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
   Multi-Layer High-Q Capacitors
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com