Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7083 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7083
Description  5A, 26V, 380kHz, Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7083 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7083 Datasheet HTML 7Page - Anpec Electronics Coropration APW7083 Datasheet HTML 8Page - Anpec Electronics Coropration APW7083 Datasheet HTML 9Page - Anpec Electronics Coropration APW7083 Datasheet HTML 10Page - Anpec Electronics Coropration APW7083 Datasheet HTML 11Page - Anpec Electronics Coropration APW7083 Datasheet HTML 12Page - Anpec Electronics Coropration APW7083 Datasheet HTML 13Page - Anpec Electronics Coropration APW7083 Datasheet HTML 14Page - Anpec Electronics Coropration APW7083 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Sep., 2011
APW7083
www.anpec.com.tw
11
Pin Description
PIN
NO.
NAME
FUNCTION
1
FB
Feedback Input. The IC senses feedback voltage via FB and regulate the voltage at 0.8V.
Connecting FB with a resistor-divider from the output set the output voltage in the range from
0.8V to 90% VIN.
2
COMP
Output of error amplifier. Connect a series RC network from COMP to GND to compensate the
regulation control loop. In some cases, an additional capacitor from COMP to GND is required
for noise decoupling.
3
ZCS
Zero-Crossing Sense pin. Please externally connect this pin with LX.
4~7, 22
PGND
POWER Ground pins. All these pins must be connected externally to the power ground plane.
8~20
LX
Power Switching Output. Connect this pin to the underside Exposed Pad.
21, 23, 24
VIN
Power Input. VIN supplies the power (4.5V to 26V) to the control circuitry, gate driver and
step-down converter switch. Connecting a ceramic bypass capacitor and a suitably large
capacitor between VIN and GND eliminates switching noise and voltage ripple on the input to
the IC.
25
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the
regulator, drive it low to turn it off. Pull up with 100k
Ω resistor for automatic start-up.
26
UGND
Gate driver power ground of the P-channel Power MOSFET. A linear regulator regulates a 5.5V
voltage between VIN and UGND to supply power to P-channel MOSFET gate driver. Connect
a ceramic capacitor (1
µF typ.) between VIN and UGND for noise decoupling and stability of the
linear regulator.
27
VCC
Bias input and 4.2V linear regulator’s output. This pin supplies the bias to some control circuits.
The 4.2V linear regulator converts the voltage on VIN to 4.2V to supply the bias when no
external 5V power supply is connected with VCC. Connect a ceramic capacitor (1
µF typ.)
between VCC and GND for noise decoupling and stability of the linear regulator.
28
GND
Signal Ground.
Block Diagram
LX
V
REF
0.8V
Soft-Start
and
Fault Logic
Error
Amplifier
FB
Inhibit
70%V
REF
UVP
PGND
POR
Soft-Start
4.2V Regulator
and
Power-On-Reset
V
CC
VCC
V
CC
Enable
Current Sense
Amplifier
EN
COMP
OVP
118%V
REF
Oscillator
380kHz
Slope
Compensation
Current
Compartor
0.8V
UGND
VIN
Over-
Temperature
Protection
Zero-Crossing
Comparator
Current-
Limit
V
IN
FB
2.5V
ENOK
UG
LG
Gate
Driver
Gate
Driver
Gm
Gate
Control
Linear
Regulator
ZCS
GND


Similar Part No. - APW7083

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KA ANPEC-APW7080KA Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRG ANPEC-APW7080KAI-TRG Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRL ANPEC-APW7080KAI-TRL Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
   2A, 26V, 380kHz, Asynchronous Step-Down Converter
More results

Similar Description - APW7083

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
   2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7089 ANPEC-APW7089 Datasheet
569Kb / 24P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
   26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
   3A, 23V, 380KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
   2A,16V,380KHz Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
   21V, 5A, 1.1MHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com