Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7074 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7074_08 Datasheet HTML 4Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 9Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 10Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 11Page - Anpec Electronics Coropration APW7074_08 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2008
APW7074
www.anpec.com.tw
8
Typical Operating Characteristics
Power On
Power Off
EN(EN=VCC)
Shutdown (EN=GND)
CH1: Vcc (5V/div)
CH2: SS (2V/div)
CH3: Vo (1V/div)
Time: 10ms/div
CH1: Vcc (5V/div)
CH2: SS (2V/div)
CH3: Vo (1V/div)
Time: 2ms/div
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1
CH2
CH3
CH1: EN (5V/div)
CH2: SS (5V/div)
CH3: Vo (1V/div)
Time: 10ms/div
CH1: EN (5V/div)
CH2: SS (5V/div)
CH3: Vo (1V/div)
Time: 10ms/div
VCC=12V, Vin=12V
Vo=1.5V, L=1uH
VCC=12V, Vin=12V
Vo=1.5V, L=1uH
VCC=12V, Vin=12V
Vo=1.5V, L=1uH
VCC=12V, Vin=12V
Vo=1.5V, L=1uH


Similar Part No. - APW7074_08

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7074KE-TR ANPEC-APW7074KE-TR Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7074KE-TRL ANPEC-APW7074KE-TRL Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7074KE-TU ANPEC-APW7074KE-TU Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7074KE-TUL ANPEC-APW7074KE-TUL Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7074_08

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com