Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5320-25S5 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5320-25S5
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-25S5 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5320-25S5 Datasheet HTML 1Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 2Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 3Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 4Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 5Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-25S5 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
4
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.5 ~ 6
V
VSHDN
SHDN Input Voltage
2.5 ~ 6
V
IOUT
VOUT Output Current
0 ~300
mA
VOUT
Output Voltage
Fixed Voltage
COUT
Output Capacitor
1~22
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3 : Refer to the typical application circuit.
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOT-23-5
TSOT-23-5
SOT-23-3
SC-70-5
TDFN1.6x1.6-6
VTDFN1.2x1.6-4
240
250
240
325
165
100
oC/W
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Thermal Characteristics
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN to GND Voltage
-0.3 ~ 6.5
V
VOUT
VOUT to GND Voltage
-0.3 ~ 6.5
V
VSHDN
SHDN to GND Voltage
-0.3 ~ 6.5
V
TJ
Maximum Junction Temperature
-40 ~ 150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1 : Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN=VOUT+1V, CIN=COUT=1µF and TA=-40~85
oC. Typical
values are at T
A=25
oC.
APL5320
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
UNDER-VOLTAGE LOCKAGE (UVLO) AND SUPPLY CURRENT
VIN UVLO Threshold Voltage
VIN rising, TA=-40~85
oC
1.9
2.2
2.4
V
VIN UVLO Hysteresis
-
0.1
-
V
IOUT=0mA, VSHDN=5V
-
40
60
µA
IQ
Quiescent Current
IOUT=300mA VSHDN=5V
-
40
60
µA
IQSHDN
Shut Down Supply Current
VSHDN=0V, VIN= VOUT+1V
-
-
1
µA


Similar Part No. - APL5320-25S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-25S5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com