Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7065C Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7065C
Description  Synchronous Buck PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065C Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7065C Datasheet HTML 1Page - Anpec Electronics Coropration APW7065C Datasheet HTML 2Page - Anpec Electronics Coropration APW7065C Datasheet HTML 3Page - Anpec Electronics Coropration APW7065C Datasheet HTML 4Page - Anpec Electronics Coropration APW7065C Datasheet HTML 5Page - Anpec Electronics Coropration APW7065C Datasheet HTML 6Page - Anpec Electronics Coropration APW7065C Datasheet HTML 7Page - Anpec Electronics Coropration APW7065C Datasheet HTML 8Page - Anpec Electronics Coropration APW7065C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2008
APW7065C
www.anpec.com.tw
5
Typical Operating Characteristics
Junction Temperature (
°C )
Switching Frequency vs. Junction Temperature
Junction Temperature (
°C )
Reference Voltage vs. Junction Temperature
0.792
0.794
0.796
0.798
0.8
0.802
0.804
-40
-20
0
20
40
60
80
100
120
V
CC=12V
275
280
285
290
295
300
305
310
-40
-20
0
20
40
60
80
100
120
V
CC=12V
Operating Waveforms
Power On
Power Off
V
CC=12V, V IN=12V
V
OUT=1.2V , L=1µH
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
V
CC=12V, V IN=12V
V
OUT=1.2V, L=1µH
CH1: VCC (5V/div)
CH2: VOUT (1V/div)
CH3: VCOMP (1V/div)
CH4: V
UGATE (20Vdiv)
Time: 10ms/div
CH1: VCC (5V/div)
CH2: VOUT (1V/div)
CH3: VCOMP (1V/div)
CH4: V
UGATE (20Vdiv)
Time: 10ms/div


Similar Part No. - APW7065C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7065 ANPEC-APW7065 Datasheet
764Kb / 19P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
APW7065KE-TR ANPEC-APW7065KE-TR Datasheet
764Kb / 19P
   Synchronous Buck PWM Controller
APW7065KE-TRG ANPEC-APW7065KE-TRG Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
APW7065KE-TRL ANPEC-APW7065KE-TRL Datasheet
764Kb / 19P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7065C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com