Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5101-28B Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5101-28B
Description  150mA, 4mA Quiescent Current Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5101-28B Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5101-28B Datasheet HTML 3Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 4Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 5Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 6Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 7Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 8Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 9Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 10Page - Anpec Electronics Coropration APL5101-28B Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2013
APL5101/2
www.anpec.com.tw
7
Load Transient Response
Load Transient Response
Time(0.5ms/div)
Time(0.5ms/div)
VOUT=1.4V
(50mV/div)
IL=1~150mA
VOUT=3.3V
(50mV/div)
IL=1~150mA
VOUT=1.4V(200mV/div)
IOUT=10mA
COUT=1
µF
Line Transient Response
Time(0.1ms/div)
VIN(4.5V~5.5V)
Time(0.1ms/div)
Line Transient Response
VOUT=3.3V(200mV/div)
IOUT=10mA
COUT=1
µF
VIN(4.5V~5.5V)
Typical Operating Characteristics (Cont.)


Similar Part No. - APL5101-28B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101-28BI ANPEC-APL5101-28BI Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
More results

Similar Description - APL5101-28B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com