Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16SVP39M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 16SVP39M
Description  4. SPECIFICATIONS FOR EACH SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

16SVP39M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  16SVP39M Datasheet HTML 1Page - Sanyo Semicon Device 16SVP39M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■Dimensions
A5
B6
C6
E7
F8
E12
F12
φD±0.5
4.0
5.0
6.3
8.0
10.0
8.0
10.0
W
±0.2
5.4
5.9
5.9
6.9
7.9
11.9
12.6
4.3
5.3
6.6
8.3
10.3
8.3
10.3
H
±0.2
4.3
5.3
6.6
8.3
10.3
8.3
10.3
C
±0.2
5.0
6.0
7.3
9.0
11.0
9.0
11.0
R
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
0.6 to 0.8
0.8 to 1.1
0.8 to 1.1
P
±0.2
1.0
1.4
2.1
3.2
4.6
3.2
4.6
Size Code
(unit : mm)
■Size List
30
3.3
4.7
6.8
10
15
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
470
560
680
820
1200
1500
C6
E12
F12
RV
(SV)
µF
2.5
(3.3)
4
(5.2)
6.3
(8.2)
10
(11.5)
16
(18.4)
20
(23.0)
25
(25.0)
A5
B6
B6
C6,E7
E7
E12
F8
F12
A5
B6
C6
C6
C6
E7,F8
F8
F8,E12
F12
A5
A5
A5
A5
B6
C6
C6
E7
E7,F8
F8
F8,E12
F12
A5
B6
B6
C6
E7
E7
F8
F8
F8,E12
F12
B6
C6
C6
E7
E7
F8
F8
E12
F12
C6
E7
F8
E12
F12
RV : Rated voltage
(SV) : Surge (room temperature)
※For the minimum packing quantity, please refer to page 55.
Standard SMD type product
Use for surface mounted type switching power supplies.
This product can support lead free-reflow. (
※2).
Marking : Polarity( ), Rated voltage, Lot.No.
(Purple) SVP(Upper E7), Rated capacitance.
■Specifications
※1 In case of some problems for measured values, measure after applying rated voltage for 2.5 to 20V products or 20V for 25V products
   for 120 minutes at 105
°C .
※2 Refer to Page 56 for reflow soldering conditions.
4. SPECIFICATIONS FOR EACH SERIES
L
R
W
0.2max.
(+)
■Recommended land pattern
dimension of PWB
a
b
Size Code
A5
B6
C6
E7
F8
E12
F12
ab
c
1.0
1.4
2.1
2.8
4.3
2.8
4.3
6.2
7.4
9.1
11.1
13.1
11.1
13.1
1.6
1.6
1.6
1.9
1.9
1.9
1.9
(unit : mm)
Conductive polymer type
SVPSeries
Standard SMD type
L
+0.1
-0.4
Items
Characteristics
-55
°C to +105°C
M:
±20%
Less than or equal to the value of Table7
Less than or equal to the value of Table7
Less than or equal to the value of Table7
Within
±20%
1.5 times or less than an initial standard
1.5 times or less than an initial standard
Below an initial standard
Within
±20%
1.5 times or less than an initial standard
1.5 times or less than an initial standard
Below an initial standard (after voltage processing)
Within
±10%
1.3 times or less than an initial standard
1.3 times or less than an initial standard
Below an initial standard (after voltage processing)
Category temperature range
Tolerance on rated capacitance
Tangent of loss angle
Leakage current
ESR
Endurance
Damp heat (Steady state)
Characteristics of impedance
ratio at high temp. and low temp.
-55
°C
+105
°C
∆C/C
tan
δ
ESR
Leakage current
∆C/C
tan
δ
ESR
Leakage current
∆C/C
tan
δ
ESR
Leakage current
Resistance to
soldering heat
Z / Z 20°C
Z / Z 20°C
0.75 to 1.25
0.75 to 1.25
120Hz
120Hz
105
°C, 2,000h, Rated
voltage applied
(25V
→20V applied)
60
°C, 90 to 95%RH,
1,000h,
No-applied voltage
(VPS) (230
°C X 75s)
※1
※2
Conditions
Based the value at
100KHz
,+20
°C
After 2 minutes


Similar Part No. - 16SVP39M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
16SVP39M PANASONIC-16SVP39M Datasheet
52Kb / 2P
   Surface Mount Type
More results

Similar Description - 16SVP39M

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Integrated Circuit Syst...
9DBU0231 ICST-9DBU0231 Datasheet
295Kb / 17P
   slew rate for each output
9DBU0431 ICST-9DBU0431 Datasheet
194Kb / 16P
   slew rate for each output
9DBU0441 ICST-9DBU0441 Datasheet
195Kb / 16P
   slew rate for each output
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
   slew rate for each output
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
   slew rate for each output
9DBU0241 ICST-9DBU0241 Datasheet
296Kb / 17P
   slew rate for each output
9DBU0631 ICST-9DBU0631 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0641 ICST-9DBU0641 Datasheet
231Kb / 17P
   slew rate for each output
9DBU0731 ICST-9DBU0731 Datasheet
220Kb / 17P
   slew rate for each output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com