Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252R05L470AV3E Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # 252R05L470AV3E
Description  MULTI-LAYER HIGH-Q CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

252R05L470AV3E Datasheet(HTML) 4 Page - Johanson Technology Inc.

  252R05L470AV3E Datasheet HTML 1Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 2Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 3Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 4Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 5Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 6Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 7Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 8Page - Johanson Technology Inc. 252R05L470AV3E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
10
www.johansontechnology.com
www.johansontechnology.com
MECHANICAL & ENVIRONMENTAL CHARACTERISTICS
SPECIFICATION
TEST PARAMETERS
SOLDERABILITY:
Solder coverage
≥ 90% of metalized areas
Preheat chip to 120°-150°C for 60 sec., dip terminals in rosin flux
No termination degradation
then dip in Sn62 solder @ 240°±5°C for 5±1 sec
RESISTANCE TO
No mechanical damage
Preheat device to 80°-100°C for 60 sec.
SOLDERING HEAT:
Capacitance change: ±2.5% or 0.25pF
followed by 150°-180°C for 60 sec.
Q>500 I.R. >10 G Ohms
Dip in 260°±5°C solder for 10±1 sec.
Breakdown voltage: 2.5 x WVDC
Measure after 24±2 hour cooling period
TERMINAL
Termination should not pull off.
Linear pull force* exerted on axial leads soldered to each terminal.
ADHESION:
Ceramic should remain undamaged.
*0402
≥ 2.0lbs, 0603 ≥ 2.0lbs (min.)
PCB DEFLECTION:
No mechanical damage.
Glass epoxy PCB: 0.5 mm deflection
Capacitance change: 2% or 0.5pF Max
LIFE TEST:
No mechanical damage
Applied voltage: 200% rated voltage, 50 mA max.
Capacitance change: ±3.0% or 0.3 pF
Temperature: 125°±3°C
Q>500 I.R. >1 G Ohms
Test time: 1000+48-0 hours
Breakdown voltage: 2.5 x WVDC
THERMAL CYCLE:
No mechanical damage.
5 cycles of: 30±3 minutes @ -55°+0/-3°C,
Capacitance change: ±2.5% or 0.25pF
2-3 min. @ 25°C, 30±3 min. @ +125°+3/-0°C,
Q>2000 I.R. >10 G Ohms
2-3 min. @ 25°C
Breakdown voltage: 2.5 x WVDC
Measure after 24±2 hour cooling period
HUMIDITY,
No mechanical damage.
Relative humidity: 90-95%
STEADY STATE:
Capacitance change: ±5.0% or 0.50pF max.
Temperature: 40°±2°C
Q>300 I.R.
≥ 1 G-Ohm
Test time: 500 +12/-0 Hours
Breakdown voltage: 2.5 x WVDC
Measure after 24±2 hour cooling period
HUMIDITY,
No mechanical damage.
Applied voltage: 1.5 VDC, 50 mA max.
LOW VOLTAGE:
Capacitance change: ±5.0% or 0.50pF max.
Relative humidity: 85±2% Temperature: 40°±2°C
Q>300 I.R. = 1 G-Ohm min.
Test time: 240 +12/-0 Hours
Breakdown voltage: 2.5 x WVDC
Measure after 24±2 hour cooling period
VIBRATION:
No mechanical damage.
Capacitance change: ±2.5% or 0.25pF
Cycle performed for 2 hours in each of three perpendicular directions
Q>1000 I.R.
≥ 10 G-Ohm
Frequency range 10Hz to 55 Hz to 10 Hz traversed
Breakdown voltage: 2.5 x WVDC
in 1 minute. Harmonic motion amplitude: 1.5mm
DIELECTRIC CHARACTERISTICS
NPO
X7R
0 ± 30ppm /°C, -55 to 125°C
Q
>1,000 @ 1 MHz, Typical 10,000
>10 G
Ω @ 25°C,WVDC;
125°C IR is 10% of 25°C rating
2.5 X WVDC Min., 25°C, 50 mA max
1MHz ±50kHz, 1.0±0.2 VRMS, 25°C
Size 01005: 0.2 - 10 pF
Size 0201:
0.2 - 100 pF
Size 0402:
0.2 - 33 pF
Size 0603:
0.2 - 100 pF
Size 0805:
0.3 - 220 pF
Size 1111:
0.2 - 1000 pF
Size 2525:
1.0 - 2700 pF
Size 3838:
1.0 - 5100 pF
± 15%, -55 to 125°C
16VDC DF
≤ 3.5% @ 1 KHz, 25°C
10VDC DF
≤ 5.0% @ 1 KHz, 25°C
>500
ΩF* or 10 GΩ* @ 25°C,WVDC;
125°C IR is 10% of 25°C rating
* whichever is less
2.5 X WVDC Min., 25°C, 50 mA max
1KHz ±50Hz, 1.0±0.2 VRMS, 25°C
100 - 10,000 pF
TEMPERATURE COEFFICIENT:
QUALITY FACTOR / DF:
INSULATION RESISTANCE:
DIELECTRIC STRENGTH:
TEST PARAMETERS:
AVAILABLE CAPACITANCE:


Similar Part No. - 252R05L470AV3E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
logo
Oscilent Corporation
252-12.0M-18-15GS OSCILENT-252-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15GW OSCILENT-252-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NS OSCILENT-252-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NW OSCILENT-252-12.0M-18-15NW Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 252R05L470AV3E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
   Multi-Layer High-Q Capacitors
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com