Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252R03S470AV3E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 252R03S470AV3E
Description  MULTI-LAYER HIGH-Q CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

252R03S470AV3E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  252R03S470AV3E Datasheet HTML 1Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 2Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 3Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 4Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 5Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 6Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 7Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 8Page - Johanson Technology Inc. 252R03S470AV3E Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7
www.johansontechnology.com
These lines of multilayer capacitors have been developed for
High-Q and microwave applications.
The S-Series (R03S, R07S, R14S, R15S) capacitors give an
ultra-high Q performance, and exhibit NP0 temperature char-
acteristics.
The L-Series (R05L) capacitors give mid-high Q performance,
and exhibit NP0 temperature characteristics.
The E-Series (S42E, S48E, S58E) capacitors give excellent
high-Q performance from HF to Microwave frequencies.
Typical uses are high voltage, high current applications. They
are offered in chip (Ni barrier or Non-Magnetic Pt.-Ag) or in
Non-Magnetic leaded form.
The W-Series (R05W) capacitors offer a large capacitance
value in an ultra-small 0201 package size. These exhibit a X7R
temperature characteristic.
RoHS compliance is standard for all unleaded parts (see
termination options box).
MULTI-LAYER HIGH-Q CAPACITORS
HOW TO ORDER
Part Number written: 252S48E470KV4E
VOLTAGE (DC)
6R3 = 6.3 V
160 = 16 V
250 = 25 V
500 = 50 V
201 = 200 V
251 = 250 V
501 = 500 V
102 = 1000 V
152 = 1500 V
202 = 2000 V
252 = 2500 V
362 = 3600 V
502 = 5000 V
722 = 7200 V
252
CASE SIZE
R03 (01005)
R05 (0201)
R07 (0402)
R14 (0603)
R15 (0805)
S42 (1111)
S48 (2525)
S58 (3838)
S48
470
TOLERANCE
A = ± 0.05 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
F = ±1 %
G = ±2%
J = ±5%
K = ± 10%
For tolerance
availability, see chart.
K
MARKING
3 = Cap Code
& Tolerance
4 = No Marking
6 = EIA Code
(Marking on
0805 and
larger only)
4
TERMINATION
Nickel Barrier
V = Ni/Sn (Green)
T = Ni/SnPb
G = Ni/Au (Green)
Non-Mag*
U = Cu/Sn (Green)
C = Cu/SnPb
Leaded (All Non-Mag)*
1 = Microstrip
2 = Axial Ribbon
3 = Axial Wire
4 = Radial Ribbon
5 = Radial Wire
V
CAPACITANCE (pF)
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
100 = 10 pF
101 = 100 pF
PACKAGING
S = Bulk
W = Waffle Pack
01005 - 0603
Y = Paper 5” Reel
T = Paper 7” Reel
*R = Paper 13” Reel
0805 - 3838
Z = Embossed 5” Reel
E = Embossed 7” Reel
*U = Embossed 13” Reel
Tape specifications
conform to EIA RS481
E
DIELECTRIC
S = Ultra High Q NPO
L = High Q NPO
E = Ultra High Q NPO,
High Voltage, High Power,
W= X7R
E
T
H
u
a
a
h
T
a
N
“*” - Not available for all MLCC - Call factory for info.


Similar Part No. - 252R03S470AV3E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
logo
Oscilent Corporation
252-12.0M-18-15GS OSCILENT-252-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15GW OSCILENT-252-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NS OSCILENT-252-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
252-12.0M-18-15NW OSCILENT-252-12.0M-18-15NW Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 252R03S470AV3E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
   Multi-Layer High-Q Capacitors
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
   MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com