Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7064KAE-TRG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7064KAE-TRG
Description  Synchronous Buck PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7064KAE-TRG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7064KAE-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW7064KAE-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2009
APW7064
www.anpec.com.tw
5
0
1
2
3
4
5
6
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
Typical Operating Characteristics
UGATE Voltage (V)
UGATE Source Current vs. UGATE Voltage
UGATE Voltage (V)
UGATE Sink Current vs. UGATE Voltage
LGATE Voltage (V)
LGATE Source Current vs. LGATE Voltage
LGATE Voltage (V)
LGATE Sink Current vs. LGATE Voltage
Junction Temperature (
°C)
Switching Frequency vs. Junction Temperature
V
BOOT =12V
V
PHASE=2V
V
CC=12V
Junction Temperature (
°C)
Reference Voltage vs. Junction Temperature
V
BOOT =12V
V
PHASE=2V
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
185
188
191
194
197
200
203
206
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
1.188
1.19
1.192
1.194
1.196
1.198
1.2
1.202
1.204
V
CC=12V
V
CC=12V
V
CC=12V


Similar Part No. - APW7064KAE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060K ANPEC-APW7060K Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060KC-TR ANPEC-APW7060KC-TR Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060KC-TU ANPEC-APW7060KC-TU Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7061 ANPEC-APW7061 Datasheet
286Kb / 17P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7064KAE-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com