Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2250AH6C3 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # TMC2250AH6C3
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2250AH6C3 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button TMC2250AH6C3 Datasheet HTML 3Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 4Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 5Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 6Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 7Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 8Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 9Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 10Page - Fairchild Semiconductor TMC2250AH6C3 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TMC2250A
PRODUCT SPECIFICATION
REV. 1.0.2 10/25/00
7
Notes:
1. The output ports X, Y, Z and CASOUT, and input port CASIN are internally reconfigured by the device as required for each
mode of the device. The multiple-function pins have names which are combinations of these titles, as appropriate.
2. The output drivers on pins XC11-0 and YC11-8 are not necessarily disabled until after the first rising edge of CLK following
power-up. If these pins are to be tied to other output drivers, to each other, or to ground or VDD, the user should ensure that
a clock pulse arrives within a few seconds of power-up, to avoid bus contention.
KA9-0
K13, J11, K12,
L13, L12, K11,
M13, M12,
L11, N13
69, 68, 67, 66,
65, 64, 63, 62,
61, 60
Coefficient
Input A1, A2,
A3
Data presented to the 10-bit registered coefficient
input ports KA, KB and KC are latched three at a time
into the internal coefficient storage register set
indicated by the Coefficient Write Enable CWE1,0 on
the next clock, as shown in Table 4.
KB9-0
M11, L10,
N12, N11,
M10, L9, N10,
M9, N9, L8
59, 58, 57, 56,
55, 54, 53, 52,
51, 50
Coefficient
Input B1, B2,
B3
KC9-0
M8, N8, N7,
M7, N6, M6,
N5, M5, N4, L5
49, 48, 47, 45,
44, 43, 41, 40,
39, 38
Coefficient
Input B1, B2,
B3
XC11-0
B4, A3, A2, B3,
A1, C3, B2, B1,
D3, C2, C1, D2
115, 116,
117, 119,
120, 1, 2, 3, 4,
5, 6, 7
CASIN15-4/
Output X
In all modes except Mode 00, the x port and four bits
of the Y output port are reconfigured as the 16-bit
registered Cascade Input port CASIN15-0. Data
presented to this input will be added to the weighted
sums of the data words which were presented to the
input ports (A, B and C).
In the matrix multiply mode, data are available at the
12-bit registered output ports X, Y AND Z tDO after
every clock. These ports are reconfigured in the
filtering modes as 16-bit Cascade Input and Output
ports.CASOUT15-0
In all modes except Mode 00, the Z port and four bits
of the Y output port are reconfigured as the 16-bit
registered Cascade Output port CASOUT15-0.
YC11-8
D1, E2, E1, F2 9, 10, 11, 13
CASIN3-0/
Output Y11-0
Y7-4
F1, G2, G1, H1 14, 15, 17, 18 Output7-4 only
YC3-0
K1, J2, J1, H2 23, 22, 21, 19 CASOUT3-0/
Output Y3-0
ZC11-0
M4, N3, M3,
N2, M2, L3,
N1, L2, K3,
M1, L1, K2
37, 36, 35, 33,
32, 31, 30, 29,
28, 27, 26, 25
CASOUT15-4/
Output Z11-0
Pin Descriptions (continued)
Pin Name
Pin Number
Function
Pin Description
CPGA/PPGA/
MPGA
MQFP
Table 3. Configuration Mode Word
Table 4. Coefficient Write Enable Word
MODE1,0
Configuration Mode
00
3 x 3 Matrix Multiply
01
9-Tap One Dimensional FIR
10
3 x 3 -Pixel Convolver
11
4 x 2 -Pixel Convolver
CWE1,0
Coefficient Set Selected
00
Hold all registers
01
Update KA1, KB1, KC1
10
Update KA2, KB2, KC2
11
Update KA3, KB3, KC3


Similar Part No. - TMC2250AH6C3

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250AH6C3 CADEKA-TMC2250AH6C3 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250AH6C3

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com