Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2249AKEC Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # TMC2249AKEC
Description  Digital Mixer 12 x 12 Bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2249AKEC Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button TMC2249AKEC Datasheet HTML 7Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 8Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 9Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 10Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 11Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 12Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 13Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 14Page - Fairchild Semiconductor TMC2249AKEC Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TMC2249A
PRODUCT SPECIFICATION
REV. 1.0.2 7/6/00
11
Once all of the products of the desired taps have been
summed, the result is available at the output. The user then
"pushes" a new time-data sample on to the appropriate even
or odd data register "stack" and reiterates the summation.
Note that the coefficient bank "pointers", the BDEL and
DDEL delay words, are alternately incremented and decre-
mented on successive filter passes to maintain alignment
between the incoming data samples and their respective
coefficients.
The effective filter speed is calculated by dividing the clock
rate by one-half the number of taps implemented.
Alternatively, non-symmetric FIR filters can be implemented
using the TMC2249A in a similar fashion. Here, a shift reg-
ister is used to delay the incoming data fed to the A input by
an amount equal to one-half the length of the filter (the
length of the A delay register).
As shown in Figure 5, the data is then sent to the C input,
thus "stacking" the A and C delay registers to create a single
N-tap FIR filter. The incremented delay words (ADEL-
DDEL) for all four inputs are identical. Again, the filter
throughput is equal to the clock speed divided by one-half
the number of taps implemented.
Figure 5. Non-Symmetric 32-Tap FIR Filtering Using the
TMC2249A
TMC2011A
16-Stage Shift Register
Filter Output
AB
C
D
x(m+0)
x(m)
h(0)
x(m+16)
h(16)
x(m+15)
h(15)
x(m+31)
S15-0
TMC2249A
h(31)
Table 4. FIR Filtering – Operation Sequence
Notes:
1. If only the 16 MSBs of the result are used, the user may leave RND HIGH and SWAP low. If the 16 LSBs or all 24 bits of the
result are used, then RND should be set low.
2.
Cycle
Push
AB
Push
C
D
ADEL
CDEL
BDEL
DDEL
ACC
ENA
ENB
ENC
END
Convolutional Sum
Resultant
Output
1
0
0
0
0
L
H
H
H
H
x(31)
•h(0)+x(30)•h(1)
See Note 2
2
1
1
1
1
H
H
H
H
H
+x(29)
•h(2)+x(28)•h(3)
3
2
2
2
2
H
H
H
H
H
+x(27)
•h(4)+x(26)•h(5)
4
3
3
3
3
H
H
H
H
H
+x(25)
•h(6)+x(24)•h(7)
5
4
4
4
4
H
H
H
H
H
+x(23)
•h(8)+x(22)•h(9)
6
5
5
5
5
H
H
H
H
H
+x(21)
•h(10)+x(20)•h(11)
7
6
6
6
6
H
H
H
H
H
+x(19)
•h(12)+x(18)•h(13)
8
7
7
7
7
H
H
H
H
H
+x(17)
•h(14)+x(16)•h(15)
9
8
8
8
8
H
H
H
H
H
+x(15)
•h(15)+x(14)•h(14)
10
9
9
9
9
H
H
H
H
H
+x(13)
•h(13)+x(12)•h(12)
11
A
A
A
A
H
H
H
H
H
+x(11)
•h(11)+x(10)•h(10)
12
B
B
B
B
H
H
H
H
H
+x(9)
•h(9)+x(8)•h(8)
13
C
C
C
C
H
H
H
H
H
+x(7)
•h(7)+x(6)•h(6)
14
D
D
D
D
H
H
H
H
H
+x(5)
•h(5)+x(4)•h(4)
15
E
E
E
E
H
H
H
H
H
+x(3)
•h(3)+x(2)•h(2)
16
x(32)
F
F
F
F
H
H
H
L
H
+x(1)
•h(1)+x(0)•h(0)
17
0
0
F
F
H
H
H
H
H
+x(31)
•h(1)+x(32)•h(0)
18
1
1
E
E
H
H
H
H
H
+x(29)
•h(3)+x(30)•h(2)
19
2
2
D
D
H
H
H
H
H
+x(27)
•h(5)+x(28)•h(4)
20
3
3
C
C
H
H
H
H
H
+x(25)
•h(7)+x(26)•h(6)
21
4
4
B
B
H
H
H
H
H
+x(23)
•h(9)+x(24)•h(8)
sx k
()hk
() xk 16
+
()hk
()
+
()
K0
=
15
=


Similar Part No. - TMC2249AKEC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC FAIRCHILD-TMC2242AKTC Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Cadeka Microcircuits LL...
TMC2242AKTC CADEKA-TMC2242AKTC Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242AKTC1 FAIRCHILD-TMC2242AKTC1 Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results

Similar Description - TMC2249AKEC

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
logo
National Instruments Co...
NI5105 NI-NI5105 Datasheet
302Kb / 4P
   60 MS/s, 60 MHz, 12-Bit, 8-Channel Digitizers
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
   12-bit digital output
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com