Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560128VH-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL560128VH-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560128VH-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL560128VH-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560128VH-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
3
APL5601/5602
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Air Thermal Resistance
SOT-23-3
SOT-89
SOT-223
260
180
135
θ
JC
Junction to Case Thermal Resistance
SOT-23-3
SOT-89
SOT-223
130
40
15
°C/W
Note 3: At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink
values. The junction-to-ambient thermal resistance is measured on a PC board mounting with the device soldered down to
minimum copper area. If power dissipation causes the junction temperature to exceed specified limits, the device will go into
thermal shutdown.
Note 4: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD (max) = (TJ – TA) /
θ
JA; TJ =
125°C. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Thermal Characteristics (Note 3, 4)
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
2.9 to 6.5V
V
IOUT
Output Cur rent
0 to 0.6
A
CIN
Input Capacitor
0.82 t o 470
µF
COUT
Output Cap acitor
1 to 330
µF
TJ
Ju nction Tempera ture
-40 to 125
°C
Ambien t Tempe rature (Temperature Code:I)
-40 to 85
°C
TA
Ambien t Tempe rature (Temperature Code:H)
-40 to 125
°C
Recommended Operating Conditions
Electrical Characteristics
Refer to the typical application circuit. V IN = VOUT+1V or (Minimum VIN=2.9V), IOUT = 1mA, TA = -40 to 85
°C, unless otherwise specified.
Typical va lues are at TA = 25
°C.
AP L5601/APL5602
Symbol
Pa ram eter
Test Conditions
Min.
Typ.
Max.
Unit
SUPP LY CURRENT
IQ
Quie scent Cu rrent
V IN=5V, IOUT=0mA
-
140
220
µA
UNDER-VOLTAGE-LOCKOUT
VIN UVLO Threshold
V IN rising
2.1
2.5
2.9
V
VIN UVLO Hysteresis
-
0.15
-
V
OUTPUT VOLTAGE
T
A = 25°C
- 1
-
+1
VOUT
Output Vol tage
TA = -40 to 85
°C
- 2
-
+2
%VOUT
Line Regul ati on
V IN = VOUT + 1V to 6V
-
0.03
0.19
%/V
Load Regu lation
IOUT = 1mA to 600mA
-
0.6
1.5
%/A
V OUT=2.8V, IOUT=600mA
-
240
500
V OUT=3 .3V, IOUT=600mA
-
220
450
VDROP
Dropout Vo lta ge
V OUT=5 V, IOUT=600mA
-
200
420
mV


Similar Part No. - APL560128VH-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560128VH-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com