Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC3533R2C30 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # TMC3533R2C30
Description  Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC3533R2C30 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button TMC3533R2C30 Datasheet HTML 4Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 5Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 6Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 7Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 8Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 9Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 10Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 11Page - Fairchild Semiconductor TMC3533R2C30 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TMC3533
PRODUCT SPECIFICATION
10
REV. 0.9.1 11/24/99
Mechanical Dimensions – 44-pin PLCC Package
D
e
E
A
.165
.180
4.19
4.57
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
E1
J
D1
A
A1
A2
B
B1
D3/E3
J
– C –
ccc C
LEAD COPLANARITY
A1
.090
.120
2.29
3.05
A2
.020
.51
——
B
.013
.021
.33
.53
D/E
.685
.695
17.40
17.65
D1/E1
.650
.656
16.51
16.66
D3/E3
.500 BSC
12.7 BSC
e
.050 BSC
1.27 BSC
J
.042
.056
1.07
1.42
2
3
ND/NE
11
11
N44
44
ccc
.004
0.10
——
B1
.026
.032
.66
.81
Notes:
1.
2.
3.
All dimensions and tolerances conform to ANSI Y14.5M-1982
Corner and edge chamfer (J) = 45
°
Dimension D1 and E1 do not include mold protrusion. Allowable
protrusion is .101" (.25mm)


Similar Part No. - TMC3533R2C30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Fairchild Semiconductor
TMC3503KRC30 FAIRCHILD-TMC3503KRC30 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503KRC30 CADEKA-TMC3503KRC30 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Fairchild Semiconductor
TMC3503KRC50 FAIRCHILD-TMC3503KRC50 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
More results

Similar Description - TMC3533R2C30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Fairchild Semiconductor
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
   Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com