Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3665 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3665
Description  Audio Power Amplifier Applications Driver-Stage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3665 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3665 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3665 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3665
2009-12-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 120 V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
120
V
Emitter-base breakdown voltage
V (BR) EBO
IE = 1 mA, IC = 0
5
V
DC current gain
hFE
(Note 2)
VCE = 5 V, IC = 100 mA
80
240
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 50 mA
1.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 500 mA
1.0
V
Transition frequency
fT
VCE = 5 V, IC = 100 mA
120
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
30
pF
Note 2: hFE classification O: 80 to 160, Y: 120 to 240
Marking
Note 3: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
C3665
Lot No.
Note 3
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SC3665

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665 Datasheet
152Kb / 2P
   NPN EPITAXIAL TYPE (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC3665 TOSHIBA-2SC3665 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
2SC3665 TOSHIBA-2SC3665 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
More results

Similar Description - 2SC3665

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com