Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560318QAI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL560318QAI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560318QAI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL560318QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL560318QAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
10
APL5603
Application Information
Layout Consideration
Figure 1 illustrates the layout. Below is a checklist for
your layout:
1. Please place the input capacitors close to the VIN.
2. Ceramic capacitors for load must be placed near the
load as close as possible.
3. To place APL5603 and output capacitors near the load
is good for performance.
4. Large current paths, the bold lines in figure 1, must
have wide tracks.
Input Capacitor
The APL5603 requires proper input capacitors to supply
surge current during stepping load transients to prevent
the input rail from dropping. Because the parasitic induc-
tor from the voltage sources or other bulk capacitors to
the VIN limits the slew rate of the surge current, it is nec-
essary to place the input capacitors near VIN as close as
possible. Input capacitors should be larger than 0.82
µF.
Output Capacitor
The APL5603 needs a proper output capacitor to main-
tain circuit stability and to improve transient response
over-temperature and current. In order to insure the cir-
cuit stability, the proper output capacitor value should be
larger than 1
µF. With X5R and X7R dielectrics, 2.2µF is
sufficient at all operating temperatures. Maximum output
capacitor should be less than 330
µF to insure the sys-
tem can be powered on effectively.
The APL5603 maximum power dissipation depends on
the thermal resistance and temperature difference be-
tween the die junction and ambient air. The power dissi-
pation P
D across the device is:
P
D = (TJ - TA) / θJA
where (T
J-TA) is the temperature difference between the
junction and ambient air.
θ
JA is the thermal resistance
between junction and ambient air. Assuming the T
A=25
oC
and maximum T
J=150
oC (typical thermal limit threshold),
the maximum power dissipation is calculated as:
P
D(max)=(150-25)/260
= 0.48(W)
For normal operation, do not exceed the maximum oper-
ating junction temperature of T
J = 125
oC. The calculated
power dissipation should be less than:
P
D =(125-25)/260
= 0.38(W)
The GND provides an electrical connection to ground and
channels heat away. Connect the GND to the ground by
using a large pad or ground plane.
Operation Region and Power Dissipation
Figure 1.
Large ground plane is good for heating. Optimum perfor-
mance can only be achieved when the device is mounted
on a PC board according to the Board layout diagrams
which are shown as Figure2, 3, and 4.
Figure 2.
Figure 3
.
Figure 4.
VIN
VOUT
GND
APL5603
C
IN
C
OUT
V
IN
V
OUT
EN
V
EN
SOT-23-5
C
IN
C
OUT
V
OUT
GND
DFN3X3-8
V
OUT
V
IN
GND
C
IN
C
OUT
For dissipating heat
SOP-8
GND
V
OUT
V
IN
GND
C
IN
C
OUT
For dissipating heat


Similar Part No. - APL560318QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560318QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com