Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02DZ24 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 02DZ24
Description  Constant Voltage Regulation Applications Reference Voltage Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02DZ24 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  02DZ24 Datasheet HTML 1Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 2Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 3Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 4Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 5Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 6Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 7Page - Toshiba Semiconductor 02DZ24 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
02DZ2.0~02DZ24
2007-11-01
5
Electrical Characteristics (Ta = 25ºC)
Zener Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse
Current
* VZ (V)
ZZ(Ω)
ZZK (Ω)
IR (μA)
Type No.
Min
Max
IZ
(mA)
Max
IZ
(mA)
Max
IZ
(mA)
Max
VR
(V)
X
18.80
19.78
Y
19.48
20.46
02DZ20
Z
20.16
21.20
5
25
5
200
0.5
0.5
15
X
20.80
21.88
Y
21.48
22.56
02DZ22
Z
22.16
23.30
5
30
5
200
0.5
0.5
17
X
22.80
24.11
Y
23.61
24.92
02DZ24
Z
24.42
25.60
5
40
5
200
0.5
0.5
19
*:
Test time: t = 30ms
**:
Product by order


Similar Part No. - 02DZ24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02DZ24 TOSHIBA-02DZ24 Datasheet
262Kb / 6P
   DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
More results

Similar Description - 02DZ24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02CZ2 TOSHIBA-02CZ2 Datasheet
413Kb / 7P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
015AZ2.0 TOSHIBA-015AZ2.0_07 Datasheet
985Kb / 6P
   Constant-Voltage Regulation Applications
02DZ2 TOSHIBA-02DZ2 Datasheet
262Kb / 6P
   DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
015Z2 TOSHIBA-015Z2 Datasheet
233Kb / 5P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS)
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com