Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2246AH6C1 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # TMC2246AH6C1
Description  Image Filter 11 x 10 bit, 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2246AH6C1 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button TMC2246AH6C1 Datasheet HTML 7Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 8Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 9Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 10Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 11Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 12Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 13Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 14Page - Fairchild Semiconductor TMC2246AH6C1 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TMC2246A
PRODUCT SPECIFICATION
REV. 1.0.3 9/11/00
11
Table 2. Typical TMC2246A Operation Sequence
Notice in this example, operating in fractional two’s complement mode, that rounding is imposed on the first cycle only of an
accumulation. This avoids the propagation of accumulated roundoff errors.
CLK
D1
C1
ENB1
D2
C2
ENB2
D3
C3
ENB3
D4
C4
ENB4 ACC
Sum
0
-
-
0
-
-
0
-
-
0-
-0-
-
1
D1(1) C1(1)
1
D2(1) C2(1)
1
D3(1) C3(1)
1
D4(1) C4(1)
1
0
-
2
D1(2)
X
0
D2(2) C2(2)
0
D3(2)
X
1
D4(2)
X
1
1
-
3
D1(3) C1(3)
0
D2(3) C2(3)
0
D3(3)
X
0
D4(3)
X
0
1
4
D1(4) C1(4)
-
D2(4) C2(4)
-
D3(4) C3(4)
-
D4(4) C4(4)
-
0
5
S(5)=D1(1)C1(1)+D2(1)C2(1)
+D3(1)C3(1)+D4(1)C4(1)+ 2-10
6
S(6)=S(5)+D1(2)C1(1)+D2(2)C2(1)
+D3(2)C3(1)+D4(2)C4(1)
7
S(7)=S(6)+D1(3)C1(3)+D2(3)C2(3)
+D3(3)C3(1)+D4(3)C4(1)
8
S(8)=D1(4)C1(4)+D2(4)C2(4)
+D3(4)C3(4)+D4(4)C4(4)+2
-10


Similar Part No. - TMC2246AH6C1

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246AH6C1 CADEKA-TMC2246AH6C1 Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
More results

Similar Description - TMC2246AH6C1

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2246A CADEKA-TMC2246A Datasheet
373Kb / 18P
   Image Filter 11 x 10 bit, 60 MHz
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
logo
KR Electronics, Inc.
2884-SMA KR-2884-SMA Datasheet
98Kb / 3P
   11 MHz Lowpass Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
   3 x 3 Image Filter
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
   3 x 3 Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
   3 x 3 Image Filter
July 2004
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA2634A TAI-SAW-TA2634A Datasheet
464Kb / 8P
   SAW Filter 2140 MHz BW 60 MHz SMD 1.4 x 1.1mm
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com