Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560133VI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL560133VI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560133VI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL560133VI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560133VI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Jun., 2012
www.anpec.com.tw
7
APL5601/5602
Operating Waveforms (Cont.)
V
IN=5V, VOUT=3.3V, CIN=1µF, COUT=2.2µF, TA=25
OC, unless otherwise specified.
PIN
NO.
NAME
FUNCTION
1
VIN
Input Supply Pin. Supply voltage can range from 2.9V to 6.5V. Bypass with a 1µF capacitor to the GND
2
VOUT
Regulator Output. Sources up to 600mA. A small capacitor is needed from this pin to ground to assure stability.
3
GND
Ground.
Pin Description
Current-Limit and Short Circuit Current-Limit
V
IN
V
OUT
I
OUT
2
1
3
CH1 : V
IN , 5V/div
Time : 2ms/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 1A/div
Thermal Shutdown
CH1 : V
IN , 5V/div
Time : 500ms/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 500mA/div
V
IN
V
OUT
I
OUT
2
1
3


Similar Part No. - APL560133VI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BI-TRG ANPEC-APL560312BI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312BTI-TRG ANPEC-APL560312BTI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312KI-TRG ANPEC-APL560312KI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560312QAI-TRG ANPEC-APL560312QAI-TRG Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560133VI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com