Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL560312BTI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL560312BTI-TRG
Description  Low Dropout 600mA Fixed Voltage Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL560312BTI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL560312BTI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL560312BTI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2011
www.anpec.com.tw
7
APL5603
Operating Waveforms (Cont.)
(Refer to the application circuit 1 in the section “Typical Application Circuits,” V
IN=5V, VOUT=3.3V, COUT=2.2µF, unless
otherwise specified.)
Current-Limit and Short-Circuit Current-Limit
CH1 : V
IN , 5V/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 1A/div
Time : 2ms/div
V
IN
V
OUT
I
OUT
2
1
3
CH1 : V
IN , 5V/div
CH2 : V
OUT , 2V/div
CH3 : I
OUT , 500mA/div
Time : 500ms/div
Thermal Shutdown
V
IN
V
OUT
I
OUT
2
1
3
Load Transient
CH1 : V
OUT , 100mV/div (offset=3.3V)
CH2 : I
OUT , 200mV/div
Time : 200
µs/div
V
IN=5V, VOUT=3.3V CIN=1µF, COUT=2.2µF, IOUT rising/
falling time=1
µs
2
1
V
OUT
I
OUT
Line Transient
CH1 : V
IN , 2V/div
CH2 : V
OUT , 20mV/div (offset=3.3V)
Time : 200
µs/div
V
IN=4.5~6V, VIN rising/falling=10µs, IOUT=300mA
2
1
V
OUT
V
IN


Similar Part No. - APL560312BTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AH-TRG ANPEC-APL560110AH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110AI-TRG ANPEC-APL560110AI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DH-TRG ANPEC-APL560110DH-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL560110DI-TRG ANPEC-APL560110DI-TRG Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results

Similar Description - APL560312BTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com