Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L032O-UFG Datasheet(PDF) 11 Page - AMIC Technology

Part # A25L032O-UFG
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L032O-UFG Datasheet(HTML) 11 Page - AMIC Technology

Back Button A25L032O-UFG Datasheet HTML 7Page - AMIC Technology A25L032O-UFG Datasheet HTML 8Page - AMIC Technology A25L032O-UFG Datasheet HTML 9Page - AMIC Technology A25L032O-UFG Datasheet HTML 10Page - AMIC Technology A25L032O-UFG Datasheet HTML 11Page - AMIC Technology A25L032O-UFG Datasheet HTML 12Page - AMIC Technology A25L032O-UFG Datasheet HTML 13Page - AMIC Technology A25L032O-UFG Datasheet HTML 14Page - AMIC Technology A25L032O-UFG Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
A25L016 Series
(March, 2012, Version 2.0)
10
AMIC Technology Corp.
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of
the device, most significant bit first.
Serial Data Input (DIO) is sampled on the first rising edge of
Serial Clock (C) after Chip Select (
S ) is driven Low. Then, the
one-byte instruction code must be shifted in to the device,
most significant bit first, on Serial Data Input (DIO), each bit
being latched on the rising edges of Serial Clock (C).
The instruction set is listed in Table 3.
Every instruction sequence starts with a one-byte instruction
code. Depending on the instruction, this might be followed by
address bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at
Higher Speed (Fast_Read), Read Identification (RDID), Read
Electronic Manufacturer and Device Identification (REMS),
Read Status Register (RDSR) or Release from Deep
Power-down, Read Device Identification and Read Electronic
Signature (RES) instruction, the shifted-in instruction se-
quence is followed by a data-out sequence. Chip Select (
S )
can be driven High after any bit of the data-out sequence is
being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Block
Erase (BE), Chip Erase (CE), Write Status Register (WRSR),
Write Enable (WREN), Write Disable (WRDI) or Deep
Power-down (DP) instruction, Chip Select (
S ) must be driven
High exactly at a byte boundary, otherwise the instruction is
rejected, and is not executed. That is, Chip Select (
S ) must
driven High when the number of clock pulses after Chip Select
(
S ) being driven Low is an exact multiple of eight.
All attempts to access the memory array during a Write Status
Register cycle, Program cycle or Erase cycle are ignored, and
the internal Write Status Register cycle, Program cycle or
Erase cycle continues unaffected.
Table 3. Instruction Set
Instruction
Description
One-byte
Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDSR
Read Status Register
0000 0101
05h
0
0
1 to ∞
WRSR
Write Status Register
0000 0001
01h
0
0
1
READ
Read Data Bytes
0000 0011
03h
3
0
1 to ∞
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to ∞
FAST_READ_DUAL
_OUTPUT
Read Data Bytes at Higher Speed by
Dual Output
(1)
00111011
3Bh
3
1
1 to ∞
FAST_READ_DUAL
_INPUT-OUTPUT
Read Data Bytes at Higher Speed by
Dual Input and Dual Output
(1)
10111011
BBh
3
(2)
1
(2)
1 to ∞
PP
Page Program
0000 0010
02h
3
0
1 to 256
SE
Sector Erase
0010 0000
20h
3
0
0
BE
Block Erase
1101 1000
D8h
3
0
0
CE
Chip Erase
1100 0111
C7h
0
0
0
DP
Deep Power-down
1011 1001
B9h
0
0
0
RDID
Read Device Identification
1001 1111
9Fh
0
0
1 to ∞
REMS
Read Electronic Manufacturer & Device
Identification
1001 0000
90h
1
(3)
2
1 to ∞
Release from Deep Power-down, and
Read Electronic Signature
0
3
1 to ∞
RES
Release from Deep Power-down
1010 1011
ABh
0
0
0
Note: (1) DIO = (D6, D4, D2, D0)
DO = (D7, D5, D3, D1)
(2) Dual Input, DIO = (A22, A20, A18, ………, A6, A4, A2, A0)
DO = (A23, A21, A19, …….., A7, A5, A3, A1)
(3) ADD= (00h) will output manufacturer’s ID first and ADD=(01h) will output device ID first


Similar Part No. - A25L032O-UFG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L032 AMICC-A25L032 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-F AMICC-A25L032-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-M AMICC-A25L032-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-MF AMICC-A25L032-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-MU AMICC-A25L032-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L032O-UFG

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L016 AMICC-A25L016 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com